Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK31VT864A Datasheet(PDF) 4 Page - OKI electronic componets

Part # MK31VT864A
Description  8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK31VT864A Datasheet(HTML) 4 Page - OKI electronic componets

  MK31VT864A Datasheet HTML 1Page - OKI electronic componets MK31VT864A Datasheet HTML 2Page - OKI electronic componets MK31VT864A Datasheet HTML 3Page - OKI electronic componets MK31VT864A Datasheet HTML 4Page - OKI electronic componets MK31VT864A Datasheet HTML 5Page - OKI electronic componets MK31VT864A Datasheet HTML 6Page - OKI electronic componets MK31VT864A Datasheet HTML 7Page - OKI electronic componets MK31VT864A Datasheet HTML 8Page - OKI electronic componets MK31VT864A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MK31VT864A-8YC
Ñ98.07.17Ò
Page 4/11
SERIAL PRESENCE DETECT
Byte
No.
SPD
Hex Value
Remark
Notes
0
80
Defines the number of bytes written into
SPD memory
128 byte
1
08
Total number of bytes of SPD memory
256 byte
2
04
Fundamental memory type
SDRAM
3
0C
Number of rows
12 rows
4
09
Number of columns
9 columns
5
01
Number of module banks
1 bank
6
40
Data width of this assembly
64 bits
7
00
... Data width continuation
0
8
01
Voltage interface level
LVTTL
9
80
Cycle time (CL=3)
CL=3
tCC3=8ns
10
60
Access time from CLK (CL=3)
CL=3
tAC3=6ns
11
00
DIMM configuration type
None Parity
12
80
Refresh rate / type
Normal / Self
13
08
Primary SDRAM width
x8
14
00
Error checking SDRAM width
15
01
Minimum CLK delay
tCCD: 1 CLK
16
8F
Burst lengths supported
1, 2, 4, 8, F
17
04
Number of banks on each SDRAM
4 banks
18
06
/CAS latency
2, 3
19
01
/CS latency
0
20
01
/WE latency
0
21
00
SDRAM module attributes
22
0E
SDRAM device attributes : General
23
C0
Cycle time (CL=2)
CL=2
tCC2=12ns
24
A0
Access time from CLK (CL=2)
CL=2
tAC2=10ns
25
00
Cycle time (CL=1)
Not support
26
00
Access time from CLK (CL=1)
Not support
27
1E
Minimum ROW pulse width
tRP=30ns
28
10
/RAS to /RAS bank delay
tRRD=16ns
29
14
/RAS to /CAS delay
tRCD=20ns
30
30
Minimum /RAS precharge time
tRAS=48ns
31
10
Density of each bank on module
64MB
32
20
Command and address signal input setup time
2ns
33
10
Command and address signal input hold time
1ns
34
20
Data signal input setup time
2ns
35
10
Data signal input hold time
1ns
36-61
00-00
R.F.U
62
12
SPD data revision code
1.2
63
49
Checksum for byte 0-62
64-71
41,45,20,20,20,20,20,20
Manufacturer’s JEDEC ID code
72
01 / 06
Manufacturing location
73-90
4D,4B,33,31,56,54,38,36,34,
41,2D,38,59,43,20,20,20,202
Manufacturer’s part number
MK31VT864A-8YC
91, 92
20, 20
Revision code
93-125
00-00
R.F.U
126
64
Intel specification frequency
100MHz
127
A5
Intel specification /CAS latency
(CLK0-2, CL=3)
128-255
FF-FF
Unused storage locations


Similar Part No. - MK31VT864A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864-10YE OKI-MK31VT864-10YE Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results

Similar Description - MK31VT864A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT872A OKI-MK31VT872A Datasheet
108Kb / 11P
   8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S2640E OKI-MSC23S2640E Datasheet
71Kb / 11P
   2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT832 OKI-MK32VT832 Datasheet
99Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
logo
Mitsubishi Electric Sem...
MH8S64BALD-6 MITSUBISHI-MH8S64BALD-6 Datasheet
572Kb / 40P
   536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
logo
OKI electronic componet...
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com