Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514102DL Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514102DL
Description  4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514102DL Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514102DL Datasheet HTML 3Page - OKI electronic componets MSM514102DL Datasheet HTML 4Page - OKI electronic componets MSM514102DL Datasheet HTML 5Page - OKI electronic componets MSM514102DL Datasheet HTML 6Page - OKI electronic componets MSM514102DL Datasheet HTML 7Page - OKI electronic componets MSM514102DL Datasheet HTML 8Page - OKI electronic componets MSM514102DL Datasheet HTML 9Page - OKI electronic componets MSM514102DL Datasheet HTML 10Page - OKI electronic componets MSM514102DL Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/17
¡ Semiconductor
MSM514102D/DL
AC Characteristics (2/2)
Symbol
Parameter
Read Command Set-up Time
tRCS
Read Command Hold Time
tRCH
MSM514102
D/DL-70
Read Command Hold Time referenced to
RAS
Write Command Set-up Time
Write Command Hold Time
Write Command Hold Time from
RAS
Write Command Pulse Width
Write Command to
RAS Lead Time
Write Command to
CS Lead Time
Data-in Set-up Time
tRRH
tWCS
tWCH
tWCR
tWP
tRWL
tCWL
tDS
Data-in Hold Time
tDH
Data-in Hold Time from
RAS
tDHR
CS to WE Delay Time
tCWD
Column Address to
WE Delay Time
tAWD
RAS to WE Delay Time
CS Active Delay Time from RAS Precharge
RAS to CS Set-up Time (CS before RAS)
RAS to CS Hold Time (CS before RAS)
WE to RAS Precharge Time (CS before RAS)
WE Hold Time from RAS (CS before RAS)
RAS to WE Set-up Time (Test Mode)
RAS to WE Hold Time (Test Mode)
tRWD
tRPC
tCSR
tCHR
tWRP
tWRH
tWTS
tWTH
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
0
0
0
0
10
50
10
20
20
0
15
55
20
35
70
10
5
10
10
10
10
10
Max.
Min.
0
0
0
0
15
60
15
20
20
0
15
60
20
40
80
10
5
10
10
10
10
10
Max.
Min.
0
0
0
0
10
45
10
15
15
0
15
50
15
30
60
10
5
10
10
10
10
10
Max.
MSM514102
D/DL-80
MSM514102
D/DL-60
Note
9
9
10
10
10
10
11
11
Column Address Hold Time
tAHLW
ns
65
75
55
Last Write to Column Address Delay Time
tLWAD
ns
20
30
20
35
20
25
7
Write Invalid Time
Write Command Hold Time (DOUT Disable)
tWI
tWH
ns
ns
10
0
10
0
10
0
—10


Similar Part No. - MSM514102DL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514100DL OKI-MSM514100DL Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514102DL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51258P HITACHI-HM51258P Datasheet
500Kb / 9P
   262,144-word x 1-bit Static Column CMOS Dynamic RAM
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com