Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM511666C-XXTS-K Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM511666C-XXTS-K
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666C-XXTS-K Datasheet(HTML) 2 Page - OKI electronic componets

  MSM511666C-XXTS-K Datasheet HTML 1Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 2Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 3Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 4Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 5Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 6Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 7Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 8Page - OKI electronic componets MSM511666C-XXTS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
¡ Semiconductor
MSM511666C/CL
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
NC
VCC
UWE
LWE
RAS
A0
A1
A2
A3
A4
VCC
VSS
DQ16
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
NC
VSS
CAS
OE
NC
NC
NC
A7
A6
A5
VSS
1
VCC
40-Pin Plastic SOJ
44/40-Pin Plastic TSOP
(K Type)

22
VCC
2
DQ1
3
DQ2
4
DQ3
5
DQ4
6
DQ5
7
DQ6
8
DQ7
9
DQ8
10
NC
13
VCC
14
UWE
15
LWE
16
RAS
17
A0
18
A1
19
A2
20
A3
21
A4
44 VSS
23 VSS
43 DQ16
42 DQ15
41 DQ14
40 DQ13
39 DQ12
38 DQ11
37 DQ10
36 DQ9
35 NC
32 VSS
31 CAS
30 OE
29 NC
28 NC
27 NC
26 A7
25 A6
24 A5

Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
Pin Name
Function
A0 - A7
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ16
Data Input/Data Output
OE
Output Enable
LWE
Lower Byte Write Enable
VCC
Power Supply (5 V)
NC
No Connection
UWE
Upper Byte Write Enable
VSS
Ground (0 V)


Similar Part No. - MSM511666C-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-60TS-K OKI-MSM511664C-60TS-K Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-70JS OKI-MSM511664C-70JS Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-80JS OKI-MSM511664C-80JS Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-XXJS OKI-MSM511664C-XXJS Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
More results

Similar Description - MSM511666C-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165A OKI-MSM51V18165A Datasheet
1Mb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM5118165A OKI-MSM5118165A Datasheet
629Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com