Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM511664CL-XXTS-K Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM511664CL-XXTS-K
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511664CL-XXTS-K Datasheet(HTML) 3 Page - OKI electronic componets

  MSM511664CL-XXTS-K Datasheet HTML 1Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 2Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 3Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 4Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 5Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 6Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 7Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 8Page - OKI electronic componets MSM511664CL-XXTS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
¡ Semiconductor
MSM511664C/CL
BLOCK DIAGRAM
Timing
Generator
RAS
CAS
Timing
Generator
Internal
Address
Counter
Row
Address
Buffers
A0 - A7
VCC
VSS
On Chip
VBB Generator
Row
De-
coders
Word
Drivers
Memory
Cells
Refresh
Control Clock
Sense
Amplifiers
Column
Decoders
Write
Clock
Generator
I/O
Selector
Output
Buffers
LWE
OE
16
DQ1 - DQ16
16
16
16
16
16
Input
Buffers
16
8
88
Column
Address
Buffers
8
UWE
FUNCTION TABLE
Function Mode
RAS
H
L
Input Pin
CAS
*
H
UWE
LWE
H
L
H
OE
L
H
L
L
L
L
L
L
H
H
L
*
*
*
*
*
H
Word Read
Refresh
Standby
Lower Byte Write
DQ Pin
DQ1 - DQ8
High-Z
High-Z
DIN
DQ9 - DQ16
High-Z
High-Z
DOUT
Don't Care
DOUT
Don't Care
DIN
Upper Byte Write
L
LL
L
H
DIN
DIN
Word Write
H
LL
H
H
High-Z
High-Z
*
*: "H" or "L"


Similar Part No. - MSM511664CL-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511666C OKI-MSM511666C Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
MSM511666C-60JS OKI-MSM511666C-60JS Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
MSM511666C-70JS OKI-MSM511666C-70JS Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
MSM511666C-XXJS OKI-MSM511666C-XXJS Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
MSM511666C-XXTS-K OKI-MSM511666C-XXTS-K Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
More results

Similar Description - MSM511664CL-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511666C OKI-MSM511666C Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160F OKI-MSM51V18160F Datasheet
177Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com