Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN79N00 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN79N00
Description  3-pin Negative Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79N00 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AN79N00 Datasheet HTML 1Page - Panasonic Semiconductor AN79N00 Datasheet HTML 2Page - Panasonic Semiconductor AN79N00 Datasheet HTML 3Page - Panasonic Semiconductor AN79N00 Datasheet HTML 4Page - Panasonic Semiconductor AN79N00 Datasheet HTML 5Page - Panasonic Semiconductor AN79N00 Datasheet HTML 6Page - Panasonic Semiconductor AN79N00 Datasheet HTML 7Page - Panasonic Semiconductor AN79N00 Datasheet HTML 8Page - Panasonic Semiconductor AN79N00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Tj=25˚C
VI=–21 to –33V, IO=5 to 200mA
VI=–21 to –33V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=–21 to –32V, Tj=25˚C
Tj=25˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–27V, IO=100mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
VI=–21 to –33V, Tj=25˚C
∆I
Bias (IN)
∆I
Bias (L)
µV
IO=5 to 200mA, Tj=25˚C
f=10Hz to 100kHz
VI=–22 to –32V, IO=50mA,
f=120Hz
IO=200mA, Tj=25˚C
VDIF (min.)
IO (Short)
VI=–35V, Tj=25˚C
IO (Peak)
Tj=25˚C
mV/˚C
∆V
O/Ta
IO=5mA
s Electrical Characteristics (Ta=25˚C)
· AN79N18 (–18V Type)
VO
–18.7
V
–18
VO
V
REGIN
80
mV
18
mV
REGL
mV
30
mV
mA
3
13
IBias
mA
mA
450
Vno
dB
0.5
0.1
50
–18.9
300
150
5
55
–17.3
–17.1
RR
V
1.1
mA
10
mA
500
10
–1
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Tj=25˚C
VI=–23 to –35V, IO=5 to 200mA
VI=–23 to –35V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=–24 to –34V, Tj=25˚C
Tj=25˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–29V, IO=100mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
VI=–23 to –35V, Tj=25˚C
∆I
Bias (IN)
∆I
Bias (L)
µV
IO=5 to 200mA, Tj=25˚C
f=10Hz to 100kHz
VI=–24 to –34V, IO=50mA,
f=120Hz
IO=200mA, Tj=25˚C
VDIF (min.)
IO (Short)
VI=–35V, Tj=25˚C
IO (Peak)
Tj=25˚C
mV/˚C
∆V
O/Ta
IO=5mA
· AN79N20 (–20V Type)
VO
–20.8
V
–20
VO
V
REGIN
80
mV
19
mV
REGL
mV
30
mV
mA
3
14
IBias
mA
mA
500
Vno
dB
0.5
0.1
70
–21
300
150
5
54
–19.2
–19
RR
V
1.1
mA
10
mA
500
10
–1
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient


Similar Part No. - AN79N00

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7900F PANASONIC-AN7900F Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
List of Unclassifed Man...
AN7905 ETC2-AN7905 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7905F PANASONIC-AN7905F Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN7905T PANASONIC-AN7905T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
More results

Similar Description - AN79N00

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com