Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5954AM28 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AM5954AM28
Description  4-CHANNEL BTL MOTOR DRIVER FOR DVD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM5954AM28 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM5954AM28 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM5954AM28 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Preliminary Datasheet
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4-CHANNEL BTL MOTOR DRIVER FOR DVD
AM5954A
Figure 11. Typical Application of AM5954A in DVD Player
Typical Application
28
25
22
23
24
26
27
15
16
17
18
19
20
21
1
4
7
6
5
3
2
14
13
12
11
10
9
8
5V or 12V
5V or 12V
SLED
MOTOR
R
d
FOCUS COIL
TRACKING COIL
R
d
LOADING
MOTOR
5V
DSP
µ-COM
AM5954A
M
M


Similar Part No. - AM5954AM28

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5954AM28 BCDSEMI-AM5954AM28 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954AM28-E1 BCDSEMI-AM5954AM28-E1 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954AM28TR-E1 BCDSEMI-AM5954AM28TR-E1 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5954AM28

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ5954 BCDSEMI-AZ5954 Datasheet
175Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM/DVD
logo
NXP Semiconductors
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
logo
Unisonic Technologies
UA8888S UTC-UA8888S Datasheet
143Kb / 8P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com