Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM65522-XXXRS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM65522-XXXRS
Description  8-Bit Microcontroller with A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65522-XXXRS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM65522-XXXRS Datasheet HTML 3Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 4Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 5Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 6Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 7Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 8Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 9Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 10Page - OKI electronic componets MSM65522-XXXRS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
¡ Semiconductor
MSM65522/65P522
Secondary Functions
Function
Symbol
Type
Description
Serial
Port
RXD
I/O
P2.0 secondary functions.
UART: Input pin for a synchronous communication receive data.
Synchronous: Input/output pin for serial port transmit/receive data.
TXD
O
P2.1 secondary functions.
UART: Input pin for a synchronous communication receive data.
Synchronous: Output pin for serial port synchronizing clock.
External
interrupt
INT0
I
Secondary function of P2.2 input pin for external interrupt 0.
The interrupt can be triggered by the rising edge, falling edge, or both
edges of rising or falling.
INT1/Gate
I
Secondary function of P2.3 input pin for external interrupt 1.
The interrupt can be triggered by the rising edge, falling edge, or both
rising and falling edges. Also used as a gate signal input pin for gating
the counter of timer 0.
INT2
I
Secondary function of P3.4 input pin for external interrupt 2.
The interrupt can be triggered by the rising edge, falling edge, or both
rising and falling edges.
HSTOP
I
Secondary function of P2.0 input pin for hardware stop mode. If this pin goes
low while the HSTP bit in SBYCON is set to 1, the chip enters hard stop
mode. In hardware stop mode the clock stops and the CPU and on-chip
peripheral functions shut down to conserve power.
Control
SFTO
O
Shift
Registers
P3.5 secondary functions.
Shift register data output pin.
SFTI
I
P3.6 secondary functions.
Shift register data output pin.
SFTCK
I/O
P3.7 secondary functions.
Shift register synchronizing clock input/output pin.
In master mode: clock output
In slave mode: clock input
T0CK
I
Secondary function of P2.4: external clock input pin for timer 0.
Timer 0
T1OUT
O
Secondary function of P2.7: outputs a waveform with twice the cycle of
the overflow interval of timer 1.
Timer 1
AI0
to
AI7
O
Secondary function of P6.0 to P6.7: functions as analog input channel in
A/D conversion.
A/D
Converter


Similar Part No. - MSM65522-XXXRS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65524 OKI-MSM65524 Datasheet
428Kb / 27P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
More results

Similar Description - MSM65522-XXXRS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com