Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM65514 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM65514
Description  High Performance 8-Bit Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65514 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM65514 Datasheet HTML 7Page - OKI electronic componets MSM65514 Datasheet HTML 8Page - OKI electronic componets MSM65514 Datasheet HTML 9Page - OKI electronic componets MSM65514 Datasheet HTML 10Page - OKI electronic componets MSM65514 Datasheet HTML 11Page - OKI electronic componets MSM65514 Datasheet HTML 12Page - OKI electronic componets MSM65514 Datasheet HTML 13Page - OKI electronic componets MSM65514 Datasheet HTML 14Page - OKI electronic componets MSM65514 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
¡ Semiconductor
MSM65514/65P514
Figure 1. Operating Frequency vs. Power Supply Voltage
2
5
4
6
8
10
234
5
6
1
2.7
5.5
Ta=–40 to +85°C
* Oscillates at 1MHz or more.
VDD (V)


Similar Part No. - MSM65514

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65511 OKI-MSM65511 Datasheet
344Kb / 25P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXGS-2K OKI-MSM65512A-XXXGS-2K Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXJS OKI-MSM65512A-XXXJS Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
More results

Similar Description - MSM65514

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com