Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM65512A-XXXRS Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM65512A-XXXRS
Description  High Performance 8-Bit Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65512A-XXXRS Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM65512A-XXXRS Datasheet HTML 5Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 6Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 7Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 8Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 9Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 10Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 11Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 12Page - OKI electronic componets MSM65512A-XXXRS Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
¡ Semiconductor
MSM65512A/65P512A
PxD
Px
DIR
Data Bus
(x=2 to 5)
PORTx
Secondary
Input Function
Type
Port
Electrical Characteristics
(VDD=5V)
4
"H" Input Voltage:
• VIH=2.4V
"L" Input Voltage:
• VIL=0.8V
"H" Output Voltage:
• VOH=3.75V
• IOH=–200mA
"L" Output Voltage:
• VOL=0.4V
• IOL=1.6mA
Circuit Configuration
P2.2/INT0,
P2.3/INT1/GATE,
P2.4/T0CK,
P2.5/HSTOP,
P3.0/T2CK,
P3.1/CAP,
P3.4/INT2,
P3.6/SFTI
Port Circuit Configuration (Continued)


Similar Part No. - MSM65512A-XXXRS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
More results

Similar Description - MSM65512A-XXXRS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com