Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7704 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN7704
Description  Low-dropout three-pin voltage regulator 1.2-A type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7704 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7704 Datasheet HTML 1Page - Panasonic Semiconductor AN7704 Datasheet HTML 2Page - Panasonic Semiconductor AN7704 Datasheet HTML 3Page - Panasonic Semiconductor AN7704 Datasheet HTML 4Page - Panasonic Semiconductor AN7704 Datasheet HTML 5Page - Panasonic Semiconductor AN7704 Datasheet HTML 6Page - Panasonic Semiconductor AN7704 Datasheet HTML 7Page - Panasonic Semiconductor AN7704 Datasheet HTML 8Page - Panasonic Semiconductor AN7704 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Voltage Regulators
1
AN7700, AN7700F, AN7700SP Series
Low-dropout three-pin voltage regulator 1.2-A type
s Overview
The AN7700, AN7700F, and AN7700SP series are
stabilized constant-voltage power supplies with small dif-
ference between I/O voltages (0.5 V typ.). They are suit-
able for low-voltage, battery-driven equipment, and home
appliances and industrial equipment with great fluctua-
tion of the supply voltage.
The output voltage ranges:
For AN7700, AN7700F
3 V, 4 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V,
18 V, 20 V, and 24 V
For AN7700SP
3.3 V, 3.5 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V,
and 15 V
s Features
• Minimum I/O voltage difference: 0.5 V (typ.)
• On-chip overcurrent limiter
• On-chip thermal protection circuit
• On-chip inrush current protection circuit at the time of
input voltage start-up
• On-chip input short-circuit protection circuit
(When the input pin is short-circuited to the ground, the
circuit between pins 1 and 3 is shut down to prevent
current flow.)
s Applications
• Power supply equipment
AN7700 series
Unit: mm
2.54 2.54
0.8
(2.0) (2.5)
10.5±0.3
+0.15
–0.05
1.4
+0.15
–0.05
0.45
+0.2
–0.0
(10.35)
4.5±0.2
10.0±0.3
1.4±0.1
φ3.7±0.1
TO-220 Package (HSIP003-P-0000)
AN7700F series
Unit: mm
4.5±0.3
1.4±0.2
3.1±0.1
10.5±0.3
2.77±0.3
2.54
0.8±0.2
(0.4)
123
2.5±0.25
2.0
±0.25
φ5.3
(4.3)
(1.73)
0.4
+0.1
–0.05
TO-220F Package (HSIP003-P-0000A)
AN7700SP series
Unit: mm
6.50±0.10
5.30±0.10
4.35±0.20
4.60±0.10
2.30
0.75±0.10
123
1.00±0.20
0.10±0.05
0.55±0.15
3.00±0.20
U-type Package


Similar Part No. - AN7704

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L00 PANASONIC-AN77L00 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L00M PANASONIC-AN77L00M Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L035 PANASONIC-AN77L035 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
More results

Similar Description - AN7704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLV1112 STMICROELECTRONICS-TLV1112 Datasheet
323Kb / 12P
   1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com