Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM9810B Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM9810B
Description  8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9810B Datasheet(HTML) 5 Page - OKI electronic componets

  MSM9810B Datasheet HTML 1Page - OKI electronic componets MSM9810B Datasheet HTML 2Page - OKI electronic componets MSM9810B Datasheet HTML 3Page - OKI electronic componets MSM9810B Datasheet HTML 4Page - OKI electronic componets MSM9810B Datasheet HTML 5Page - OKI electronic componets MSM9810B Datasheet HTML 6Page - OKI electronic componets MSM9810B Datasheet HTML 7Page - OKI electronic componets MSM9810B Datasheet HTML 8Page - OKI electronic componets MSM9810B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
FEDL9810BFULL-03
OKI Semiconductor
MSM9810B
6/45
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
Ta= 25°C
–0.3 to VDD+ 0.3
V
Storage Temperature
TSTG
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
4.5 to 5.5
V
Operating Temperature
Top
–40 to +85
°C
Min.
Typ.
Max.
Master Clock Frequency
fOSC
3.5
4.096
4.5
MHz
ELECTRICAL CHARACTERISTICS
DC Characteristics
(DVDD = AVDD = 4.5 to 5.5 V, DGND = AGND = 0 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
High-level Input Voltage
VIH
0.84
× V
DD
V
Low-level Input Voltage
VIL
0.16
× V
DD
V
High-level Output Voltage
VOH
IOH = –1 mA
VDD – 0.4
V
Low-level Output Voltage
VOL
IOL = 2 mA
0.4
V
High-level Input Current 1
IIH1
VIH = VDD
10
µA
High-level Input Current 2
(Note 1)
IIH2
Applied to pins with internal
pull-down resistor
30
300
µA
Low-level Input Current 1
IIL1
VIL = GND
–10
µA
Low-level Input Current 2
(Note 2)
IIL2
Applied to pins with internal
pull-up resistor
–300
–30
µA
Output Leakage Current
ILO
0
≤ V
OUT ≤ VDD
–10
+10
µA
Operating Current
IDD
fOSC 4 MHz, no load
6
15
mA
Ta = –40 to +70°C
15
µA
Standby Current
IDS
Ta = +70 to +85°C
50
µA
Notes
1:
Applicable to RD7 to RD0 pins (when
RCS = “H”).
2:
Applicable to
CMD, RD, WR, and CS pins.


Similar Part No. - MSM9810B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810GS-BK OKI-MSM9810GS-BK Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
More results

Similar Description - MSM9810B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
   4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com