Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM9800 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM9800
Description  Voice ROM Evaluation Board for MSM9802/9803/9805/9836
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9800 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM9800 Datasheet HTML 6Page - OKI electronic componets MSM9800 Datasheet HTML 7Page - OKI electronic componets MSM9800 Datasheet HTML 8Page - OKI electronic componets MSM9800 Datasheet HTML 9Page - OKI electronic componets MSM9800 Datasheet HTML 10Page - OKI electronic componets MSM9800 Datasheet HTML 11Page - OKI electronic componets MSM9800 Datasheet HTML 12Page - OKI electronic componets MSM9800 Datasheet HTML 13Page - OKI electronic componets MSM9800 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FEBL9800-03
1Semiconductor
MSM9800/9836 EVA Board
10/15
Status Signal
The following list describes status signal output of the board.
M98xx/M9836 Eva. Board Status Signal List
Type
New Eva. Board
(With M98xx/M9836)
Mode
INT Mode
EXT Mode
Interface
Stand-alone
MCU/IF
Stand-alone
MCU/IF
BUSY
(Connector No. 5 Pin)
NAR
(Connector No. 17 Pin)
M98xx outputs
BUSY signal
M9836 outputs NAR signal
Outputs
NAR
M98xx outputs
BUSY signal
M9836 outputs NAR signal
Outputs
NAR
:Available


Similar Part No. - MSM9800

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
MSM9803 OKI-MSM9803 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
MSM9805-XXX OKI-MSM9805-XXX Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
More results

Similar Description - MSM9800

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
   43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com