Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27T6402L-XXXTN Datasheet(PDF) 4 Page - OKI electronic componets

Part # MR27T6402L-XXXTN
Description  4M-Word x 16-Bit or 8M-Word x 8-Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27T6402L-XXXTN Datasheet(HTML) 4 Page - OKI electronic componets

  MR27T6402L-XXXTN Datasheet HTML 1Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 2Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 3Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 4Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 5Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 6Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 7Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 8Page - OKI electronic componets MR27T6402L-XXXTN Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FEDR27T6402L-02-01
OKI Semiconductor
MR27T6402L / P2ROM
4/10
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = 2.7 V to 3.6 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = 0 to VCC
10
µA
Output leakage current
ILO
VO = 0 to VCC
10
µA
ICCSC
CE# = VCC
10
µA
VCC power supply current
(Standby)
ICCST
CE# = VIH
1
mA
VCC power supply current
(Read)
ICCA
CE# = VIL, OE# = VIH
f=5MHz
20
mA
Input “H” level
VIH
2.2
VCC+0.5
V
Input “L” level
VIL
–0.5
∗∗
0.6
V
Output “H” level
VOH
IOH = –1 mA
2.4
V
Output “L” level
VOL
IOL = 2 mA
0.4
V
Voltage is relative to VSS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.


Similar Part No. - MR27T6402L-XXXTN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR27T6402L ETC2-MR27T6402L Datasheet
294Kb / 12P
   4M?밯ord 횞 16?밄it or 8M?밯ord 횞 8?밄it P2ROM
logo
LAPIS Semiconductor Co....
MR27T6402L LAPIS-MR27T6402L Datasheet
294Kb / 12P
   P2ROM
More results

Similar Description - MR27T6402L-XXXTN

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T6402G OKI-MR27T6402G Datasheet
133Kb / 10P
   4M-Word x 16-Bit or 8M-Word x 8-Bit
MR27V6402G OKI-MR27V6402G Datasheet
149Kb / 14P
   4M-Word x 16-Bit or 8M-Word x 8-Bit OTP
MR27V6452G OKI-MR27V6452G Datasheet
113Kb / 9P
   4M-Word x 16-Bit or 8M-Word 8-Bit P2ROM
MR27T3202F OKI-MR27T3202F Datasheet
134Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-Bit
MR27T12800J OKI-MR27T12800J Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850J OKI-MR27V12850J Datasheet
91Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850L OKI-MR27V12850L Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V3202J OKI-MR27V3202J Datasheet
113Kb / 9P
   2M-Word x 16-Bit or 4M-Word x 8-Bit P2ROM
MR26V01G53L OKI-MR26V01G53L Datasheet
248Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-bit P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com