Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78N00 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN78N00
Description  3-pin Positive Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78N00 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN78N00 Datasheet HTML 1Page - Panasonic Semiconductor AN78N00 Datasheet HTML 2Page - Panasonic Semiconductor AN78N00 Datasheet HTML 3Page - Panasonic Semiconductor AN78N00 Datasheet HTML 4Page - Panasonic Semiconductor AN78N00 Datasheet HTML 5Page - Panasonic Semiconductor AN78N00 Datasheet HTML 6Page - Panasonic Semiconductor AN78N00 Datasheet HTML 7Page - Panasonic Semiconductor AN78N00 Datasheet HTML 8Page - Panasonic Semiconductor AN78N00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
s Overview
The AN78N00 series is 3-pin fixed positive output volt-
age regulators. Stabilized fixed output voltage is obtained
from unstable DC input voltage without using any exter-
nal components. 12 types of fixed output voltage are avail-
able ; 4V, 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V
and 24V. They can be used widely in power circuits with
current capacitance up to 300mA.
s Features
• No external components
• Output voltage : 4V, 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V,
18V, 20V, 24V
• Short-circuit current limiting built-in
• Thermal overload protection built-in
• Output transistor safe area compensation
AN78N00 Series
3-pin Positive Output Voltage Regulator (300mA Type)
s Block Diagram
Unit:mm
8.0
3.05
0.75
±0.25
0.5
±0.1
0.5
±0.25
2.3
4.6
1.76
1 : Input
2 : Common
3 : Output
JEDEC:TO-126 (SSIP003-P-0000E)
1.44
+ 0.5
– 0.1
12
3
1
3
2
Input
Pass Tr
Output
Common
Starter
Voltage
Reference
Current
Source
Error Amp.
+
Thermal
Protection
Q1
RSC
R2
R1
Current
Limiter


Similar Part No. - AN78N00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN780 MICROCHIP-AN780 Datasheet
258Kb / 10P
   15-Kilogram Scale Using the TC500A and the TC520
2002
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7800F PANASONIC-AN7800F Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN7805 PANASONIC-AN7805 Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN78N00

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
   3-pin positive output voltage regulator (1 A type)
logo
Unisonic Technologies
78NXX UTC-78NXX_V01 Datasheet
328Kb / 9P
   3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com