Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN77L045M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN77L045M
Description  3-pin Low Power Loss Voltage Regulato (100mA Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77L045M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN77L045M Datasheet HTML 1Page - Panasonic Semiconductor AN77L045M Datasheet HTML 2Page - Panasonic Semiconductor AN77L045M Datasheet HTML 3Page - Panasonic Semiconductor AN77L045M Datasheet HTML 4Page - Panasonic Semiconductor AN77L045M Datasheet HTML 5Page - Panasonic Semiconductor AN77L045M Datasheet HTML 6Page - Panasonic Semiconductor AN77L045M Datasheet HTML 7Page - Panasonic Semiconductor AN77L045M Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Voltage Regulators
AN77L00/AN77L00M Series
3
1
2
+
IN (1)
GND (3)
OUT (2)
The pin numbers in
are for the AN77L00M series.
The pin numbers in ( ) are for the AN77L00 series.
Error Amp.
Input Short-Circuit
Protection
Over Current
Protection
Rush Current
Protection
Thermal
Protection
s Block Diagram
VIN
IIN
PD
Topr
Tstg
Supply voltage
Supply current
Power dissipation Note1)
Operating ambient temperature
Storage temperature
V
mA
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
30
200
650
–30 to + 85
–55 to + 150
Note 1)
Part No.
Output voltage (VO)
Operating supply voltage range (VI)
s Recommended Operating Range (Ta= 25˚C)
AN77L03/M
AN77L035/M
AN77L04/M
AN77L045/M
AN77L05/M
AN77L06/M
AN77L07/M
AN77L08/M
AN77L09/M
AN77L10/M
AN77L12/M
3
3.5
4
4.5
5
6
7
8
9
10
12
VO + 0.3 to 13.62
VO + 0.41 to 14.14
VO + 0.3 to 14.66
VO + 0.43 to 15.18
VO + 0.3 to 15.7
VO + 0.46 to 16.74
VO + 0.48 to 17.78
VO + 0.51 to 18.82
VO + 0.53 to 19.86
VO + 0.55 to 20.9
VO + 0.6 to 22.98
V
V
V
V
V
V
V
V
V
V
V
Unit


Similar Part No. - AN77L045M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L045M PANASONIC-AN77L045M Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
More results

Similar Description - AN77L045M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com