Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7732-01MB Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7732-01MB
Description  Audio CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01MB Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7732-01MB Datasheet HTML 1Page - OKI electronic componets MSM7732-01MB Datasheet HTML 2Page - OKI electronic componets MSM7732-01MB Datasheet HTML 3Page - OKI electronic componets MSM7732-01MB Datasheet HTML 4Page - OKI electronic componets MSM7732-01MB Datasheet HTML 5Page - OKI electronic componets MSM7732-01MB Datasheet HTML 6Page - OKI electronic componets MSM7732-01MB Datasheet HTML 7Page - OKI electronic componets MSM7732-01MB Datasheet HTML 8Page - OKI electronic componets MSM7732-01MB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
2/29
BLOCK DIAGRAM
PCMOUT
PCMIN
AIN–
AIN+
GSX
AOUT+
SAO
AOUT–
VFRO
SG
PWI
BCLK
SYNC
AMPAI
AMPAO
SWA
SWB
SWC
SWD
SWE
PCM
Expand
TONE
GEN.
D/A
–1
MCU I/F
32
20 k
32
CR0-B2
CR4-B6
CR0-B0
CR0-B0
CR4-B5
CR1-B1
CR2-B6, 5, 4
–6 to +8 dB
2 dB step
CR3-B3, 2, 1, 0
–36 to –6 dB
2 dB step
CR3-B7, 6, 5
off,–15 to –3 dB
2 dB step
CR2-B2, 1, 0
-12 to +9 dB
3dB step
35 mW
for receiver
8.8 mW
for earphone
Microphone
amp input
VREF
AMPA
20 k
BPF
Voice
Detect
to MCUI/F
PCM
Compand
32
LPF
20 k
A/D
Slope
Filter
CR1-B0
Through
(0 dB loss)
or -12 loss
CR2-B3
RX ON/OFF
CR2-B7
TX ON/OFF


Similar Part No. - MSM7732-01MB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7731-01 OKI-MSM7731-01 Datasheet
247Kb / 43P
   Multifunction PCM CODEC (Voice Signal Processor)
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
More results

Similar Description - MSM7732-01MB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
Texas Instruments
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
[Old version datasheet]   Audio Codec
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
   Audio software codec
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com