Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN78M00 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN78M00
Description  3-pin Positive Output Voltage Regulators 500mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
s Overview
The AN78M00 and the AN78M00F series are 3-pin
fixed positive output voltage regulators. Stabilized fixed
output voltage is obtained from unstable DC input volt-
age without using any external components. 11 types of
fixed output voltage are available;5V, 6V, 7V, 8V, 9V, 10V,
12V, 15V, 18V, 20V and 24V. They can be used widely in
power circuits with current capacitance up to 500mA.
s Features
• No external components
• Output voltage:5V, 6V, 7V, 8V, 9V, 10V, 12V,
15V, 18V, 20V, 24V
• Short-circuit current limiting built-in
• Thermal overload protection built-in
• Output transistor safe area compensation
AN78M00/AN78M00F Series
3-pin Positive Output Voltage Regulators (500mA Type)
s Block Diagram
Unit:mm
AN78M00 Series
10.4
±0.5
1.4
±0.1
1.4
±0.25
ø3.7
10.5
±0.5
2.54
0.45
1:Input
2:Common
3:Output
2.5
±0.25
+ 0.1
– 0.05
123
4.5
±0.3
JEDEC:TO-220AB (HSIP003-P-0000)
0.8
±0.2
Unit:mm
AN78M00F Series
1.4
±0.2
TO-220 Full Pack Package (HSIP003-P-0000A)
10.5
±0.3
2.77
±0.3
(1.73)
12
3
ø5.3
ø3.1
±0.1
(4.3)
2.5
±0.25
4.5
±0.3
1:Input
2:Common
3:Output
2.0
±0.25
0.8
±0.2
(0.4)
2.54
0.4
+ 0.1
– 0.05
1
3
2
Input
Pass Tr
Output
Common
Starter
Voltage
Reference
Current
Source
Error Amp.
+
Thermal
Protection
Q1
RSC
R2
R1
Current
Limiter




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7800RPositive Output Voltage Regulators with Reset pin 1A/500mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN79M003-pin Negative Output Voltage Regulators 500mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN80003-pin Positive Output Low Dropout Voltage Regulator 50mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN80XX3-pin positive output low dropout voltage regulator 50 mA type 1 2 3 4 5 MorePanasonic Semiconductor
AN78003-pin Positive Output Voltage Regulator 1A Type 1 2 3 4 5 MorePanasonic Semiconductor
AN7805NSP3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AN78L003-pin Positive Output Voltage Regulator 100mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN78N003-pin Positive Output Voltage Regulator 300mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN7900T3-pin Negative Output Voltage Regulators 1A Type 1 2 3 4 5 MorePanasonic Semiconductor
AN78LXX3-pin positive output voltage regulator 100 mA type 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl