Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN78M00 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN78M00
Description  3-pin Positive Output Voltage Regulators 500mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 5 page
background image
VO
10.4
V
10
Tj=25˚C
VO
V
VI=12.5 to 25V, IO=5 to 350mA,
Tj=25˚C, PD *
REGIN
100
mV
7
VI=12.5 to 30V, Tj=25˚C
mV
REGL
mV
25
IO=5 to 500mA, Tj=25˚C
mV
IO=5 to 200mA, Tj=25˚C
VI=13 to 25V, Tj=25˚C
mA
4.1
Tj=25˚C
2
Ibias
mA
VI=13 to 25V, Tj=25˚C
mA
65
IO=5 to 350mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
0.8
0.5
50
10.5
200
100
6
56
9.6
9.5
RR
VI=13 to 23V, IO=100mA, f=120Hz
V
2
IO=500mA, Tj=25˚C
mA
300
mA
700
VI=35V, Tj=25˚C
10
Tj=25˚C
– 0.5
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=16V, IO=350mA, CI=0.33
µF and C
O=0.1
µF.
* AN78M00 Series:15W, AN78M00F Series:10.25W
=
<
· AN78M10/78M10F (10V Type)
s Electrical Characteristics (Ta=25˚C)
VO
12.5
V
12
Tj=25˚C
VO
V
VI=14.5 to 27V, IO=5 to 350mA,
Tj=25˚C, PD *
REGIN
100
mV
8
VI=14.5 to 30V, Tj=25˚C
mV
REGL
mV
25
IO=5 to 500mA, Tj=25˚C
mV
IO=5 to 200mA, Tj=25˚C
VI=16 to 30V, Tj=25˚C
mA
4.3
Tj=25˚C
2
Ibias
mA
VI=14.5 to 30V, Tj=25˚C
mA
75
IO=5 to 350mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
0.8
0.5
50
12.6
240
120
6
55
11.5
11.4
RR
VI=15 to 25V, IO=100mA, f=120Hz
V
2
IO=500mA, Tj=25˚C
mA
300
mA
700
VI=35V, Tj=25˚C
10
Tj=25˚C
– 0.8
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak cutput current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=19V, IO=350mA, CI=0.33
µF and C
O=0.1
µF.
* AN78M00 Series:15W, AN78M00F Series:10.25W
· AN78M12/78M12F (12V Type)
=
<




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7800RPositive Output Voltage Regulators with Reset pin 1A/500mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN79M003-pin Negative Output Voltage Regulators 500mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN80003-pin Positive Output Low Dropout Voltage Regulator 50mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN80XX3-pin positive output low dropout voltage regulator 50 mA type 1 2 3 4 5 MorePanasonic Semiconductor
AN78003-pin Positive Output Voltage Regulator 1A Type 1 2 3 4 5 MorePanasonic Semiconductor
AN7805NSP3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AN78L003-pin Positive Output Voltage Regulator 100mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN78N003-pin Positive Output Voltage Regulator 300mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN7900T3-pin Negative Output Voltage Regulators 1A Type 1 2 3 4 5 MorePanasonic Semiconductor
AN78LXX3-pin positive output voltage regulator 100 mA type 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl