Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR26V25655J-XXXMB Datasheet(PDF) 3 Page - OKI electronic componets

Part # MR26V25655J-XXXMB
Description  8M-Word x 32-Bit or 16M-Word x 16-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR26V25655J-XXXMB Datasheet(HTML) 3 Page - OKI electronic componets

  MR26V25655J-XXXMB Datasheet HTML 1Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 2Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 3Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 4Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 5Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 6Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 7Page - OKI electronic componets MR26V25655J-XXXMB Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FEDR26V25655J-02-06
OKI Semiconductor
MR26V25655J / P2ROM
3/8
FUNCTION TABLE
Mode
CE#
OE#
WORD#
VCC
D0 to D15
D16 to D29
D30/A–1,D31/A-1
Read (32-Bit)
L
L
H
DOUT
Read (16Bit)
L
L
L
DOUT
Hi–Z
L/H
H
Output disable
L
H
L
Hi–Z
H
Standby
H
L
3.3 V
Hi–Z
∗: Don’t Care (H or L)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Value
Unit
Operating temperature under bias
Ta
0 to 70
°C
Storage temperature
Tstg
–55 to 125
°C
Input voltage
VI
–0.5 to VCC+0.5
V
Output voltage
VO
–0.5 to VCC+0.5
V
Power supply voltage
VCC
relative to VSS
–0.5 to 5
V
Power dissipation per package
PD
Ta = 25°C
1.0
W
Output short circuit current
IOS
10
mA
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VCC power supply voltage
VCC
3.0
3.6
V
Input “H” level
VIH
2.2
VCC+0.5∗
V
Input “L” level
VIL
VCC = 3.0 to 3.6 V
–0.5
∗∗
0.6
V
Voltage is relative to VSS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.
PIN CAPACITANCE
(VCC = 3.3 V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input
CIN1
30
WORD#
CIN2
VI = 0 V
400
Output
COUT
VO = 0 V
20
pF


Similar Part No. - MR26V25655J-XXXMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR26V25605J OKI-MR26V25605J Datasheet
88Kb / 8P
   8M-Word x 32-bit or 16M-Word x 16-BIt P2ROM
MR26V25605J-XXXMB OKI-MR26V25605J-XXXMB Datasheet
88Kb / 8P
   8M-Word x 32-bit or 16M-Word x 16-BIt P2ROM
More results

Similar Description - MR26V25655J-XXXMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR26V25605J OKI-MR26V25605J Datasheet
88Kb / 8P
   8M-Word x 32-bit or 16M-Word x 16-BIt P2ROM
MR27T12800J OKI-MR27T12800J Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850J OKI-MR27V12850J Datasheet
91Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850L OKI-MR27V12850L Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12800J OKI-MR27V12800J Datasheet
115Kb / 9P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T6402G OKI-MR27T6402G Datasheet
133Kb / 10P
   4M-Word x 16-Bit or 8M-Word x 8-Bit
MR27T6402L OKI-MR27T6402L Datasheet
109Kb / 10P
   4M-Word x 16-Bit or 8M-Word x 8-Bit
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27T25603L ETC2-MR27T25603L Datasheet
168Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com