Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML67Q4003 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML67Q4003
Description  32-bit ARM-Based General-Purpose Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML67Q4003 Datasheet(HTML) 4 Page - OKI electronic componets

  ML67Q4003 Datasheet HTML 1Page - OKI electronic componets ML67Q4003 Datasheet HTML 2Page - OKI electronic componets ML67Q4003 Datasheet HTML 3Page - OKI electronic componets ML67Q4003 Datasheet HTML 4Page - OKI electronic componets ML67Q4003 Datasheet HTML 5Page - OKI electronic componets ML67Q4003 Datasheet HTML 6Page - OKI electronic componets ML67Q4003 Datasheet HTML 7Page - OKI electronic componets ML67Q4003 Datasheet HTML 8Page - OKI electronic componets ML67Q4003 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FEDL674001-01
OKI Semiconductor
ML674001/67Q4002/67Q4003
4/24
PIN CONFIGURATION (TOP VIEW)
144-Pin Plastic LFBGA
13
12
11
10
98
765
4321
N
PIOD[6]/
XDQM[1
]
XIOCS_
N[3]
XIOCS_
N[1]
XRAMC
S_N
XBWE_
N[0]
XOE_N
PIOC[4]/
XA[21]
XA[16]
XA[14]
XA[11]
XA[9]
XA[7]
XA[6]
M
PIOD[7]/
XDQM[0
]
XIOCS_
N[2]
XIOCS_
N[0]
XWE_N
PIOC[7]/
XWR
PIOC[6]/
XA[23]
PIOC[2]/
XA[19]
XA[17]
XA[15]
XA[13]
XA[10]
XA[4]
XA[5]
L
PIOB[1]/
DREQC
LR[0]
PIOB[2]/
DREQ[1]
PIOB[0]/
DREQ[0]
XROMC
S_N
XBWE_
N[1]
PIOC[5]/
XA[22]
PIOC[3]/
XA[20]
XA[18]
XA[12] VDD_IO
XA[8]
XA[2]
GND
K
PIOB[3]/
DREQC
LR[1]
PIOB[5]/
TCOUT[
1]
VDD_IO
GND
VDD_IO
VDD_C
ORE
VDD_IO
GND
GND
XA[3]
XA[0]
XD[13]
XA[1]
J
PIOC[0]/
PWMOU
T[0]
GND
PIOB[4]/
TCOUT[
0]
PIOC[1]/
PWMOU
T[1]
VDD_IO XD[15]
XD[11]
XD[14]
H
XBS_N[
0]
XBS_N[
1]
PIOD[0]/
XWAIT
VDD_C
ORE
VDD_C
ORE
XD[10]
NC
XD[12]
G
PIOD[2]/
XRAS_N
PIOD[1]/
XCAS_N
VDD_IO
GND
VDD_IO
XD[8]
NC
XD[9]
F BSEL[1]
PIOD[5]/
XSDCK
E
PIOD[3]/
XSDCLK
PIOD[4]/
XSDCS_
N
GND
XD[7]
XD[6]
XD[5]
E
PIOE[7]/
EXINT[2]
BSEL[0]
PIOE[8]/
EXINT[3]
PIOE[5]/
EXINT[0]
GND
XD[2]
NC
XD[4]
D
PIOE[0]/
SCLK
PIOE[6]/
EXINT[1]
PIOE[9]/
EFIQ_N
PIOE[2]/
SDO
OSC1_N
PIOA[1]/
SOUT
AIN[0]
NC
VDD_IO
GND
VDD_IO
XD[3]
XD[1]
C
TDI
PIOE[1]/
SDI
CKO
TMS
CKOE_
N
AVDD
AIN[1]
AIN[3]
VDD_C
ORE
PIOA[5]/
DTR
FWR
XD[0]
RESET_
N
B
nTRST
TDO
TCK
GND
VDD_IO
PIOA[0]/
SIN
VREF
AGND
GND
PIOA[3]/
DSR
PIOA[7]/
RI
PIOE[4]/
SCL
PIOB[7]/
SRXD
A
NC
NC
JSEL
DRAME
_N
OSC0
TEST
AIN[2]
PIOA[2]/
CTS
PIOA[4]/
DCD
PIOA[6]/
RTS
PIOE[3]/
SDA
PIOB[6]/
STXD
NC
13
12
11
10
98
765
4321
144pin LFBGA
(TOP VIEW)
Notes:
NC pins are electrically unconnected in the package.
NC pins can be connected to Vdd or GND.


Similar Part No. - ML67Q4003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML67Q4050 ETC2-ML67Q4050 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4050 ETC2-ML67Q4050 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4051 ETC2-ML67Q4051 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4051 ETC2-ML67Q4051 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
More results

Similar Description - ML67Q4003

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Microchip Technology
SAMD21G MICROCHIP-SAMD21G Datasheet
3Mb / 59P
   32-bit ARM-Based Microcontrollers
2017
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
logo
Winbond
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
   16/32-bit ARM microcontroller
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
   16/32-bit ARM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com