Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML63295A-XXXGA Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML63295A-XXXGA
Description  4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63295A-XXXGA Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML63295A-XXXGA Datasheet HTML 2Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 3Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 4Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 5Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 6Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 7Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 8Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 9Page - OKI electronic componets ML63295A-XXXGA Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
FEDL63295A-02
1Semiconductor
ML63295A
6/38
PAD CONFIGURATION
Pad Layout
Y
X
54 P0.2
55 P0.1
56 P0.0
57 VSS
58 COM1
59 COM2
60 COM3
61 COM4
62 COM5
63 COM6
64 COM7
65 COM8
66 COM9
67 COM10
68 COM11
69 COM12
70 COM13
71 COM14
72 COM15
73 COM16
74 SEG0
75 SEG1
76 SEG2
77 SEG3
78 SEG4
79 SEG5
80 SEG6
81 SEG7
82 SEG8
83 SEG9
84 SEG10
85 SEG11
86 SEG12
87 SEG13
88 SEG14
89 SEG15
90 SEG16
91 SEG17
92 SEG18
93 SEG19
94 SEG20
95 SEG21
96 SEG22
97 SEG23
98 SEG24
99 SEG25
SEG26
100
SEG27
101
SEG28
102
SEG29
103
104 SEG30
105 SEG31
106 SEG32
107 SEG33
108 SEG34
109 SEG35
SEG90 164
SEG91 165
SEG92 166
SEG93 167
SEG94 168
SEG95 169
COM17 170
171
COM18
172
COM19
COM20173
COM21 174
175
COM22
176
COM23
COM24 177
178
COM25
COM26 179
COM27 180
181
COM28
182
COM29
COM30 183
184
COM31
COM32 185
186
VSS
VDD1 187
188
VDD2
VDD3 189
VDD4 190
191
VDD5
192
VDD6
193
VDDX1
194
VDDX2
VDDX3 195
196
VDDX4
C1 197
198
C2
VDD 199
VDDL 200
VDD 201
202
VDDE
OSC1 203
204
OSC0
TST1 205
TST2 206
207
XT1
208
XT0
RESET 209
MD 210
MDB 211
VDDI 212
( 0,0 )
Chip size
: 8.25 mm
× 8.20 mm
Chip thickness
: 350
µm (280 µm: available as required)
Coordinate origin
: center of chip
Pad hole size
: 100
µm × 100 µm
Pad size
: 110
µm × 110 µm
Minimum pad pitch
: 120
µm
Note: The chip substrate voltage is V
SS.


Similar Part No. - ML63295A-XXXGA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63293-XXX OKI-ML63293-XXX Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63293-XXXUA OKI-ML63293-XXXUA Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
More results

Similar Description - ML63295A-XXXGA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com