Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML60851C Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML60851C
Description  USB Device Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60851C Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML60851C Datasheet HTML 3Page - OKI electronic componets ML60851C Datasheet HTML 4Page - OKI electronic componets ML60851C Datasheet HTML 5Page - OKI electronic componets ML60851C Datasheet HTML 6Page - OKI electronic componets ML60851C Datasheet HTML 7Page - OKI electronic componets ML60851C Datasheet HTML 8Page - OKI electronic componets ML60851C Datasheet HTML 9Page - OKI electronic componets ML60851C Datasheet HTML 10Page - OKI electronic componets ML60851C Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
PEDL60851C-02
1Semiconductor
ML60851C
7/67
FUNCTIONS OF REGISTERS
End Point 0 Receive FIFO (EP0RXFIFO)
Read address
40h
Write address
-
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
xxx
xxxx
x
After a bus reset
xxx
xxxx
x
Definition
EP0 Receive data (R)
The receive data from the host computer in the data state during a control Write transfer is stored in EP0RXFIFO.
The EP0 receive data can be read out by the local MPU through reading the address 40h when the ML60851C
issues an EP0 receive packet ready interrupt request. It is possible to read successively the data in the packet by
reading continuously.
The EP2RXFIFO is cleared under the following conditions:
1. When the local MPU resets the EP0 receive packet ready bit (A “1” is written in PKTRDY(0)).
2. When a setup packet is received.
3. When the local MCU writes a “0” in the stall bit (EP0STAT(2)).
End Point 1 Receive FIFO (EP1RXFIFO)
Read address
41h
Write address
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
xxx
xxxx
x
After a bus reset
xxx
xxxx
x
Definition
EP1 Receive data (R)
It is possible to read out the EP1 receive data by reading the address 41h. When EP1 is set for bulk reception
(BULK OUT), The local MCU should read EP1RXFIFO when the ML60851C issues an EP2 packet ready
interrupt request. It is possible to read successively the data in the packet by reading continuously. When the data
transfer direction of EP1 is set as “Transmit”, all accesses to this address will be invalid.
The EP1RXFIFO is cleared under the following conditions:
1. When an OUT token is received for EP1.
2. When the EP1 receive packet ready bit is reset. (A “1” is written in PKTRDY(1).)
3. When the local MCU writes a “0” in the stall bit (EP1CON(1)).
Even when a DMA read with a 16-bit width is made from EP1RXFIFO, the address is A7:A0 = 41h.


Similar Part No. - ML60851C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851AGA OKI-ML60851AGA Datasheet
325Kb / 45P
   USB Device Controller
ML60851ATB OKI-ML60851ATB Datasheet
325Kb / 45P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results

Similar Description - ML60851C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
   USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
   USB Device Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com