Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7620-011GS-BK Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7620-011GS-BK
Description  Echo Canceler
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7620-011GS-BK Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7620-011GS-BK Datasheet HTML 3Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 4Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 5Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 6Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 7Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 8Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 9Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 10Page - OKI electronic componets MSM7620-011GS-BK Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
¡ Semiconductor
MSM7620
7/28
(3/5)
Receive serial data.
Input the m-law PCM signal synchronized to SYNC and SCK. Data is read in at the fall of SCK.
Pin
32-pin
SSOP
64-pin
QFP
Symbol
Type
Description
Clock pin for transmit/receive serial data. This pin uses the external
SCK or the SCKO.
Input the PCM CODEC transmit/receive clock (64 to 2048 kHz).
Sync signal for transmit/receive serial data. This pin uses the external
SYNC or SYNCO.
Input the PCM CODEC transmit/receive sync signal (8 kHz).
Transmit serial data.
This pin outputs the m-law PCM signal synchronized to SYNC and SCK.
This pin is in a high impedance state while there is no data output.
Receive serial data.
This pin outputs the m-law PCM signal synchronized to SYNC and SCK.
This pin is in a high impedance state while there is no data output.
Bidirectional bus for parallel data transfer between the Master Chip and
Slave Chip when used in a cascade connection.
The PD15 pin corresponds to MSB.
This pin is in a high impedance state while there is no data output. Data
is loaded in at the falling edge of
SFx.
Power-down mode control.
"L": Power-down mode
"H": Normal operation mode
During power-down, all input pins are disabled and output pins are in
the following sates :
High impedance : SOUT, ROUT, PD0 to 15
"L": SYNCO, SCKO
"H":
OF1, OF2
Holds the last state : WDT,
IRLD
Not affected: X2, MCKO
Reset after power-down is released.
Crystal oscilator.
Used to configure the oscillation circuit.
Refer to the internal clock generator circuit example.
When inputting the basic clock externally, insert a 5 pF capacitor with
excellent high frequency characteristics between X2 and GND.
External input for the basic clock or for the crystal oscillator.
Input the basic clock (18 MHz).
Refer to the internal clock generator circuit example.
RIN
I
10
11
11
12
SCK
I
12
13
SYNC
I
O
SOUT
13
14
O
14
15
ROUT
I/O
19
30
33
34
51
52
PD0
PD11
PD12
PD13
PD14
PD15
20
35
X1/CLKIN
I
21
36
X2
O
23
38
PWDWN
I


Similar Part No. - MSM7620-011GS-BK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
   Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
   Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
   Echo Canceler
More results

Similar Description - MSM7620-011GS-BK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com