Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7653 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7653
Description  NTSC/PAL Digital Video Encoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7653 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7653 Datasheet HTML 6Page - OKI electronic componets MSM7653 Datasheet HTML 7Page - OKI electronic componets MSM7653 Datasheet HTML 8Page - OKI electronic componets MSM7653 Datasheet HTML 9Page - OKI electronic componets MSM7653 Datasheet HTML 10Page - OKI electronic componets MSM7653 Datasheet HTML 11Page - OKI electronic componets MSM7653 Datasheet HTML 12Page - OKI electronic componets MSM7653 Datasheet HTML 13Page - OKI electronic componets MSM7653 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
¡ Semiconductor
MSM7653
10/35
BLOCK FUNCTIONAL DESCRIPTION
1. Prologue Block
This block separates input data at the ITU Rec.656 format into a luminance signal (Y) and a
chrominance signal (Cb & Cr), and also generates information/concerning sync signals
HSYNC_L, VSYNC_L, and BLANK_L.
This block separates input data at the 27 MHz YCbCr (8-bit input) format into a luminance
signal (Y) and a chrominance signal (Cb & Cr).
This block separates input data at the 13.5 MHz YCbCr (16-bit input) format into a chrominance
signal Cb and a chrominance signal Cr.
Of the processed input data, luminance and chrominance signals other than valid pixel data
are replaced by 8'h10 and 8'h80 respectively.
2. Y Limiter Block
This block limits the luminance input signal by clipping the lower limit of an input signal outside
the ITU601 Standard
• Signals are limited to YD = 16 when YD < 16.
• Signals are limited to TD = 254 when YD (input during a valid pixel period) = 255.
In other cases, signals are fed as is to next processing.
3. C Limiter Block
This block limits the chrominance signal by clipping the upper and lower limits of the input
signal outside the ITU601 Standard.
CD = 1 when CD = 0 is input during a valid pixel period.
CD = 254 when CD = 255 is input during a valid pixel period.
• Y Level Converter
Converts ITU-601 standard luminance signal level to DAC digital input level.
• U Level Converter
Converts ITU-601 standard chrominance signal level to DAC digital input level.
• V Level Converter
Converts ITU-601 standard chrominance signal level to DAC digital input level.
• YUV Color Generator
This block generates luminance and chrominance signals from over lay color signals OLR,
OLG and OLB. Control signals (CR [2:0] ) control the output content (overlay or color bar) and
output level (100%, 75%, 50%, 25%).
• Overlay Control
This block selects input image data or YUV Color Generator output signals.
It is determined by the level of the control signal (OLC, CR [2]), as shown below: (x : don't care)
CR [2] = 1, OLC = x: Selects color bar signal (YUV Color Generator output signal).
CR [2] = 0, OLC = 1: Selects overlay signal (YUV Color Generator output signal).
CR [2] = 0, OLC = 0: Selects input image data.


Similar Part No. - MSM7653

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
   NTSC/PAL Digital Encoder
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
MSM7654GA OKI-MSM7654GA Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - MSM7653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com