Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7567TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7567TS-K
Description  Single Rail CODEC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7567TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7567TS-K Datasheet HTML 1Page - OKI electronic componets MSM7567TS-K Datasheet HTML 2Page - OKI electronic componets MSM7567TS-K Datasheet HTML 3Page - OKI electronic componets MSM7567TS-K Datasheet HTML 4Page - OKI electronic componets MSM7567TS-K Datasheet HTML 5Page - OKI electronic componets MSM7567TS-K Datasheet HTML 6Page - OKI electronic componets MSM7567TS-K Datasheet HTML 7Page - OKI electronic componets MSM7567TS-K Datasheet HTML 8Page - OKI electronic componets MSM7567TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
¡ Semiconductor
MSM7566/7567
5/19
VFRO
Receive filter output.
The output signal has an amplitude of 2.4 VPP above and below the signal ground voltage (SG)
when the digital signal of +3 dBmO is input to PCMIN and can drive a load of 20 kW or more.
For driving a load of 20 kW or less, connect a resistor of 20 kW or more should be connected
between the pins VFRO and PWI.
When adding the frequency characteristics to the receive signal, refer to the application example.
During power saving mode, the output of VFRO is at the voltage level of SG. During power down
mode, the output is in a high impedance state.
PWI, AOUT+, AOUT–
PWI is connected to the inverting input of the receive driver. The receive driver output is
connected to the AOUT– pin. Therefore, the receive level can be adjusted with the pins VFRO,
PWI, and AOUT–. When the PWI pin is not used, the PWI pin to the AOUT– pin, and leave open
the pins AOUT– and AOUT+. The output of AOUT+ is inverted with respect to the output of
AOUT–. Since the signal from which provides differential drive of an impedance of 1.2 kW +55
nF, these outputs can directly be connected to a receiver of handset using a piezoelectric
earphone.
Refer to the application example.
The other external signals can be output from AOUT+ and AOUT– during power saving, since
these driver amplifiers are in the operational state. During power down mode, the output of
AOUT+ and AOUT– is at the voltage level of SG through high impedance.
The electrical driving capability of the AOUT– pin and AOUT+ pin is
±1.3 V maximum. The
output load resistor has a minimum value of 1.2 kW.
If an output amplitude less than
±1.3 V is allowed, these outputs can drive a load resistance less
than that described above. For more details, refer to SINGLE POWER SUPPLY PCM CODEC
APPLICATION NOTE.
VDD
Power supply for +2.7 V to +3.8 V. (Typically 3.0 V)
PCMIN
PCM signal input.
A serial PCM signal input to this pin is converted to an analog signal in synchronization with the
RSYNC signal and BCLOCK signal.
The data rate of the PCM signal is equal to the frequency of the BCLOCK signal.
The PCM signal is shifted at a falling edge of the BCLOCK signal and latched into the internal
register when shifted by eight bits.
The start of the PCM data (MSD) is identified at the rising edge of RSYNC.
R6 > 20 kW
ZL ≥ 2.4 kW
Gain = VO/VI = 2 ¥ R7/R6 £ 2
R6
R7
+
SG
+
SG
VFRO
PWI
AOUT–
AOUT+
Receive Filter
ZL
VO
VI


Similar Part No. - MSM7567TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7560 OKI-MSM7560 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7560L OKI-MSM7560L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
More results

Similar Description - MSM7567TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com