Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7510S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN7510S
Description  BTL Audio Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7510S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7510S Datasheet HTML 1Page - Panasonic Semiconductor AN7510S Datasheet HTML 2Page - Panasonic Semiconductor AN7510S Datasheet HTML 3Page - Panasonic Semiconductor AN7510S Datasheet HTML 4Page - Panasonic Semiconductor AN7510S Datasheet HTML 5Page - Panasonic Semiconductor AN7510S Datasheet HTML 6Page - Panasonic Semiconductor AN7510S Datasheet HTML 7Page - Panasonic Semiconductor AN7510S Datasheet HTML 8Page - Panasonic Semiconductor AN7510S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
New
1 Kotari Yakemachi, Nagaokakyo, Kyoto, 617-8520 Japan
Tel. (075) 951-8151
http://www.mec.panasonic.co.jp
New publication, effective from Jan. 13 1999.
¶ The products and specifications are subject to change without any notice. Please ask for the latest product standards to guarantee the satisfaction of your product requirements.
Matsushita Electronics Corporation
BTL Audio Power IC AN7510/7520 Series
s Overview
The AN7510/7520 series is a 0.5W to 3W BTL audio power amplifier IC. Equipped with a standby function and mute or DC
volume circuit, the series includes a lineup of single and dual output models. With simplified set design due to minimum
external components, this IC has a wide variety of applications.
s Features
• Operating power sourcs voltage: 3.0V to 13.5V.
• Built-in standby function.
• Built-in mute or DC volume circuit.
s Specifications
s Applications
q TVs q Audio equipment q Personal computers q Active speakers
Output
power
Parameters
Product
name
AN7520
AN7521
AN7522
AN7523
Vcc
Load
resistance
Standby
Mute
Volume
Package
AN7510
AN7511
AN7512
AN7513
1.0W
×2ch
5V
8
HDIP-16pin
1.0W
×1ch
5V
8
HDIP-16pin
1.0W
×2ch
5V
8
DIP-8pin
1.0W
×1ch
5V
8
DIP-8pin
AN7510S
AN7511S
AN7512S
AN7513S
0.5W
×2ch
5V
16
SOP-16pin
0.5W
×1ch
5V
16
SOP-16pin
0.5W
×2ch
5V
16
SOP-8pin
0.5W
×1ch
5V
16
SOP-8pin
3.0W
×2ch
8V
8
HSIP-12pin
3.0W
×1ch
8V
8
HSIP-12pin
3.0W
×2ch
8V
8
HSIP-9pin
3.0W
×1ch
8V
8
HSIP-9pin
*
*
* : Planned


Similar Part No. - AN7510S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
List of Unclassifed Man...
AN7511 ETC2-AN7511 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7511S PANASONIC-AN7511S Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
More results

Similar Description - AN7510S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
TA8231L TOSHIBA-TA8231L Datasheet
354Kb / 9P
   42W BTL x 2CH AUDIO POWER IC
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2929HQ TOSHIBA-TB2929HQ Datasheet
268Kb / 17P
   45W × 4-ch BTL Audio Power IC
2009-01-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com