Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7547MS-K Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7547MS-K
Description  Voice Signal Level Control LSI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7547MS-K Datasheet(HTML) 7 Page - OKI electronic componets

  MSM7547MS-K Datasheet HTML 1Page - OKI electronic componets MSM7547MS-K Datasheet HTML 2Page - OKI electronic componets MSM7547MS-K Datasheet HTML 3Page - OKI electronic componets MSM7547MS-K Datasheet HTML 4Page - OKI electronic componets MSM7547MS-K Datasheet HTML 5Page - OKI electronic componets MSM7547MS-K Datasheet HTML 6Page - OKI electronic componets MSM7547MS-K Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MSM7547
¡ Semiconductor
7/7
(Unit : mm)
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
SOP16-P-300-1.27-K
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
Cu alloy
Solder plating
5 mm or more
0.21 TYP.
Mirror finish


Similar Part No. - MSM7547MS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
   Single Rail CODEC
MSM7542 OKI-MSM7542 Datasheet
154Kb / 20P
   Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
More results

Similar Description - MSM7547MS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7577 OKI-MSM7577 Datasheet
73Kb / 8P
   Voice Signal Level Control LSI
logo
Epson Company
S1V30345 EPSON-S1V30345 Datasheet
101Kb / 2P
   Voice Guidance LSI
S1V3S344 EPSON-S1V3S344 Datasheet
202Kb / 2P
   Voice Guidance LSI
S1V3G340 EPSON-S1V3G340 Datasheet
202Kb / 2P
   Voice Guidance LSI
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
OKI electronic componet...
MSM6322 OKI-MSM6322 Datasheet
543Kb / 14P
   PITCH CONTROL LSI FOR THE SPEECH SIGNAL
logo
Toshiba Semiconductor
TC8830F TOSHIBA-TC8830F Datasheet
3Mb / 65P
   C2MOS VOICE RECORDING/REPRODUCING LSI
logo
Tontek Design Technolog...
TT6297 TONTEK-TT6297 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com