Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7547 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7547
Description  Voice Signal Level Control LSI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7547 Datasheet(HTML) 6 Page - OKI electronic componets

  MSM7547 Datasheet HTML 1Page - OKI electronic componets MSM7547 Datasheet HTML 2Page - OKI electronic componets MSM7547 Datasheet HTML 3Page - OKI electronic componets MSM7547 Datasheet HTML 4Page - OKI electronic componets MSM7547 Datasheet HTML 5Page - OKI electronic componets MSM7547 Datasheet HTML 6Page - OKI electronic componets MSM7547 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MSM7547
¡ Semiconductor
6/7
APPLICATION CIRCUIT
C2
C3
C1
R2
R1
C3
R1 > 5 kW
R2 > 5 kW
C1 = 50 pF
C2 > 1 µF
C3 > 0.1 µF
C5
R4
C4 R3
AO3
AN3
MIC
_
+
Analog input
R6
_
R5
C6
C8
C7
+
MIC
AN3
AO3
R4 > 5 kW
R3 > 5 kW
C4 > 1 µF
C5 = 50 pF
Gain = R4/R3
R5 > 5 kW
R6 > 5 kW
C6 > 0.1 µF
C7 > 1 µF
C8 = 50 pF
Gain = 1 + (R5/R6)
TAUD
AN2
NC
RCV2
RCV1
NC
RAUD
GND
VDD
AO3
MIC
AN3
ATTE
ATT2
ATT1
ATT0
Analog input
1
2
3
4
5
6
7
8
+5 V
Receive voice data
Transmit voice data
MSM7547MS-K
16
15
14
13
12
11
10
9
In the Reverse Type
In the Same Phase Type


Similar Part No. - MSM7547

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
   Single Rail CODEC
MSM7542 OKI-MSM7542 Datasheet
154Kb / 20P
   Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
More results

Similar Description - MSM7547

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7577 OKI-MSM7577 Datasheet
73Kb / 8P
   Voice Signal Level Control LSI
logo
Epson Company
S1V30345 EPSON-S1V30345 Datasheet
101Kb / 2P
   Voice Guidance LSI
S1V3S344 EPSON-S1V3S344 Datasheet
202Kb / 2P
   Voice Guidance LSI
S1V3G340 EPSON-S1V3G340 Datasheet
202Kb / 2P
   Voice Guidance LSI
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
OKI electronic componet...
MSM6322 OKI-MSM6322 Datasheet
543Kb / 14P
   PITCH CONTROL LSI FOR THE SPEECH SIGNAL
logo
Toshiba Semiconductor
TC8830F TOSHIBA-TC8830F Datasheet
3Mb / 65P
   C2MOS VOICE RECORDING/REPRODUCING LSI
logo
Tontek Design Technolog...
TT6297 TONTEK-TT6297 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com