Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS8104160XXTB Datasheet(PDF) 10 Page - OKI electronic componets

Part # MS8104160XXTB
Description  (262,214-word x 8-Bits) x 2 Dual FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS8104160XXTB Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MS8104160XXTB Datasheet HTML 6Page - OKI electronic componets MS8104160XXTB Datasheet HTML 7Page - OKI electronic componets MS8104160XXTB Datasheet HTML 8Page - OKI electronic componets MS8104160XXTB Datasheet HTML 9Page - OKI electronic componets MS8104160XXTB Datasheet HTML 10Page - OKI electronic componets MS8104160XXTB Datasheet HTML 11Page - OKI electronic componets MS8104160XXTB Datasheet HTML 12Page - OKI electronic componets MS8104160XXTB Datasheet HTML 13Page - OKI electronic componets MS8104160XXTB Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
MS8104160
OKI Semiconductor
FEDS8104160-03
Notes: 1. Input signal reference levels for the parameter measurement are VIH = 3.0 V and
VIL = 0 V. The transition time tT is defined to be a transition time that signal transfers
between VIH = 3.0 V and VIL = 0 V.
2. AC measurements assume tT = 3 ns.
3. Read address must have more than a 600 address delay than write address in
every cycle when asynchronous read/write is performed.
4. Read must have more than a 600 address delay than write in order to read the data
written in a current series of write cycles which has been started at last write reset
cycle: this is called "new data read". When read has less than a 70 address delay
than write, the read data are the data written in a previous series of write cycles
which had been written before at last write reset cycle: this is called "old data read".
5. When the read address delay is between more than 71 and less than 599 or more
than 262,214, read data will be undetermined. However, normal write is achieved in
this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30 pF. Output
reference levels are VOH = 1.5 V and VOL = 1.5 V.
7. ( ): MODE2=Vcc


Similar Part No. - MS8104160XXTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A-XXTB OKI-MS8104160A-XXTB Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results

Similar Description - MS8104160XXTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com