Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS81V04166A-XXTB Datasheet(PDF) 8 Page - OKI electronic componets

Part # MS81V04166A-XXTB
Description  Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS81V04166A-XXTB Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MS81V04166A-XXTB Datasheet HTML 4Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 5Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 6Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 7Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 8Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 9Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 10Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 11Page - OKI electronic componets MS81V04166A-XXTB Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FEDS81V04166A-01
1Semiconductor
MS81V04166A
8/19
AC Characteristics
(VCC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
MS81V04166A-20
MS81V04166A-25
Unit
Parameter
Symbol
Min.
Max.
Min.
Max.
Access Time from SRCK
tAC
18
23
ns
DOUT Hold Time from SRCK
tDDCK
6
6
ns
DOUT Enable Time from SRCK
tDECK
6
20
6
23
ns
SWCK “H” Pulse Width
tWSWH
9
12
ns
SWCK “L” Pulse Width
tWSWL
9
12
ns
Input Data Setup Time
tDS
3
3
ns
Input Data Hold Time
tDH
4
4
ns
WE Enable Setup Time
tWENS
5
5
ns
WE Enable Hold Time
tWENH
5
5
ns
WE Disable Setup Time
tWDSS
5
5
ns
WE Disable Hold Time
tWDSH
5
5
ns
IE Enable Setup Time
tIENS
5
5
ns
IE Enable Hold Time
tIENH
5
5
ns
IE Disable Setup Time
tIDSS
5
5
ns
IE Disable Hold Time
tIDSH
5
5
ns
WE “H” Pulse Width
tWWEH
5
5
ns
WE “L” Pulse Width
tWWEL
5
5
ns
IE “H” Pulse Width
tWIEH
5
5
ns
IE “L” Pulse Width
tWIEL
5
5
ns
RSTW Setup Time
tRSTWS
3
3
ns
RSTW Hold Time
tRSTWH
5
10
ns
SRCK “H” Pulse Width
tWSRH
9
12
ns
SRCK “L” Pulse Width
tWSRL
9
12
ns
RE Enable Setup Time
tRENS
3
3
ns
RE Enable Hold Time
tRENH
5
5
ns
RE Disable Setup Time
tRDSS
3
3
ns
RE Disable Hold Time
tRDSH
5
5
ns
OE Enable Setup Time
tOENS
3
3
ns
OE Enable Hold Time
tOENH
5
5
ns
OE Disable Setup Time
tODSS
3
3
ns
OE Disable Hold Time
tODSH
5
5
ns
RE “H” Pulse Width
tWREH
3
3
ns
RE “L” Pulse Width
tWREL
5
5
ns
OE “H” Pulse Width
tWOEH
5
5
ns
OE “L” Pulse Width
tWOEL
5
5
ns
RSTR Setup Time
tRSTRS
3
3
ns
RSTR Hold Time
tRSTRH
5
10
ns
SWCK Cycle Time
tSWC
20
25
ns
SRCK Cycle Time
tSRC
20
25
ns
Transition Time (Rise and Fall)
tT
3
30
3
30
ns


Similar Part No. - MS81V04166A-XXTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04166A-XXTB OKI-MS81V04166A-XXTB Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results

Similar Description - MS81V04166A-XXTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160 OKI-MS8104160 Datasheet
126Kb / 22P
   (262,214-word x 8-Bits) x 2 Dual FIFO
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com