Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR533203J-XXRA Datasheet(PDF) 5 Page - OKI electronic componets

Part # MR533203J-XXRA
Description  2,097,152-Word X 16-Bit MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR533203J-XXRA Datasheet(HTML) 5 Page - OKI electronic componets

  MR533203J-XXRA Datasheet HTML 1Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 2Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 3Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 4Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 5Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 6Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 7Page - OKI electronic componets MR533203J-XXRA Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor
MR533203J
5/6
ELECTRICAL CHARACTERISTICS
DC Characteristics
(Vcc=4.5V~5.5V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
Input leakage current
CIN
VI=0V~VCC
--
10
mA
Output leakage current
COUT
VO=0V~VCC
--
10
mA
ICCSC
CE= VCC
--
50
mA
VCC power supply current
(Standby)
ICCST
CE= VIH
--
1
mA
VCC power supply current
(Active)
ICCA
CE= VIL, OE= VIH
tc= 100ns
--
65
mA
Input “H“ level
VIH
-2.2
-
VCC+0.5
V
Input “L“ level
VIL
-
-0.5
-
0.8
V
Output “H“ level
VOH
IOH=-400 mA
2.4
-
-
V
Output “L“ level
VOL
IOL=2.1mA
-
-
0.4
V
Voltage is relative to VSS
AC Characteristics
(Vcc=4.5V~5.5V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Min.
Unit
Address access cycle time
TC
-
100
-
ns
Address access time
TACC
CE=OE= VIL
-
100
ns
CE access time
TCE
OE= VIL
-
100
ns
OE access time
TOE
CE= VIL
-50
ns
TCHZ
OE= VIL
040
ns
Output disable time
TOHZ
CE= VIL
030
ns
Output hold time
TOH
CE=OE= VIL
0-
ns
Measurement condition
Input signal level
0V/3V
Input timing reference level
0.8V/2.0V
Output load
100pF
Output timing reference level
0.8V/2.0V
Output
400W
1.9V
100pF


Similar Part No. - MR533203J-XXRA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR533202J OKI-MR533202J Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR533202J-XXMA OKI-MR533202J-XXMA Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR533202J-XXTP OKI-MR533202J-XXTP Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
More results

Similar Description - MR533203J-XXRA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR53V3203J OKI-MR53V3203J Datasheet
159Kb / 9P
   2,097,152-Word x 16-Bit MASK ROM
MSM531601D OKI-MSM531601D Datasheet
246Kb / 4P
   2,097,152-Word x 8-Bit Mask ROM
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V3202J OKI-MR53V3202J Datasheet
162Kb / 9P
   2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
MR533202J OKI-MR533202J Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR53V1652J OKI-MR53V1652J Datasheet
160Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR533252J OKI-MR533252J Datasheet
158Kb / 8P
   2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V3252J OKI-MR53V3252J Datasheet
165Kb / 9P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
   1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
logo
OKI electronic componet...
MSM532001B OKI-MSM532001B Datasheet
118Kb / 4P
   262,144-Word x 8-Bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com