Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR53V1652J-XXRA Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR53V1652J-XXRA
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR53V1652J-XXRA Datasheet(HTML) 1 Page - OKI electronic componets

  MR53V1652J-XXRA Datasheet HTML 1Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 2Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 3Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 4Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 5Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 6Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 7Page - OKI electronic componets MR53V1652J-XXRA Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor
MR53V1652J
Preliminary
1,048,576-Word X 16-Bit or 2,097,152-Word X 8-Bit
8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
1/6
This version: Feb. 1999
Previous version: -------
DESCRIPTION
The MR53V1652J is a 16Mbit Read-Only Memory whose configuration can be electrically switched
between 1,048,576 word x 16bit and 2,097,152 word x 8bit. The MR53V1652J operates
asynchronously, external clocks are not required, making this device easy-to-use. The MR53V1652J is
suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured
using a CMOS silicon gate technology and is offered in 42-pin DIP, 44-pin SOP or 44-pin TSOP
packages.
FEATURES
· 1,048,576 word x 16bit / 2,097,152 word x 8bit electrically switchable configuration
· 8word x 16-Bit or 16word x 8-bit / Page read mode
· Single +2.7V~3.6V power supply
· Normal access time
100ns
· Page access time
30ns
· VCC power supply current
80mA
· VCC standby current
10mA
· Input / Output TTL compatible
· Three-state output
· Packages
42-pin plastic DIP
(DIP42-P-600-2.54)
MR53V1652J-XXRA
44-pin plastic SOP
(SOP44-P-600-1.27-K)
MR53V1652J-XXMA
44-pin plastic TSOP (TSOPII44-P-400-0.80-K) MR53V1652J-XXTP


Similar Part No. - MR53V1652J-XXRA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V1602J-XXMA OKI-MR53V1602J-XXMA Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V1602J-XXRA OKI-MR53V1602J-XXRA Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V1602J-XXTP OKI-MR53V1602J-XXTP Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
More results

Similar Description - MR53V1652J-XXRA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR533252J OKI-MR533252J Datasheet
158Kb / 8P
   2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V8052J OKI-MR53V8052J Datasheet
160Kb / 8P
   524,288-Word x 16-bit or 1,048,576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V3252J OKI-MR53V3252J Datasheet
165Kb / 9P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR53V3202J OKI-MR53V3202J Datasheet
162Kb / 9P
   2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
MR533202J OKI-MR533202J Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR53V8002J OKI-MR53V8002J Datasheet
158Kb / 8P
   524,288-Word x 16-bit or 1,048,576 x 8-Bit MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com