Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR53V1652J Datasheet(PDF) 4 Page - OKI electronic componets

Part # MR53V1652J
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR53V1652J Datasheet(HTML) 4 Page - OKI electronic componets

  MR53V1652J Datasheet HTML 1Page - OKI electronic componets MR53V1652J Datasheet HTML 2Page - OKI electronic componets MR53V1652J Datasheet HTML 3Page - OKI electronic componets MR53V1652J Datasheet HTML 4Page - OKI electronic componets MR53V1652J Datasheet HTML 5Page - OKI electronic componets MR53V1652J Datasheet HTML 6Page - OKI electronic componets MR53V1652J Datasheet HTML 7Page - OKI electronic componets MR53V1652J Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor
MR53V1652J
4/6
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Value
Unit
Operating temperature under bias
TOPR
-0 ~ 70
`C
Storage temperature
TSTG
-
-55 ~ 125
`C
Input voltage
VI
-0.5 ~ VCC+0.5
V
Output voltage
VO
-0.5 ~ VCC+0.5
V
Power supply voltage
VCC
Relative to VSS
-0.5 ~ 5
V
Power dissipation per package
PD
-1.0
W
RECOMMENDED OPERATING CONDITIONS FOR READ
(Ta=0 ~ 70`C)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
VCC power supply voltage
VCC
2.7
-
3.6
`C
Input “H“ level
VIH
2.2
-
VCC+0.5
`C
Input “L“ level
VIL
VCC=2.7V ~ 3.6V
-0.5
-
0.8
V
Voltage is relative to VSS
PIN Capacitance
(Vcc=3.3V, Ta=25`C, f=1MHz)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
Input
CIN
VI=0V
-
-
12
pF
Output
COUT
VO=0V
-
-
15
pF


Similar Part No. - MR53V1652J

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V1602J-XXMA OKI-MR53V1602J-XXMA Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V1602J-XXRA OKI-MR53V1602J-XXRA Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V1602J-XXTP OKI-MR53V1602J-XXTP Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
More results

Similar Description - MR53V1652J

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR533252J OKI-MR533252J Datasheet
158Kb / 8P
   2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V8052J OKI-MR53V8052J Datasheet
160Kb / 8P
   524,288-Word x 16-bit or 1,048,576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V3252J OKI-MR53V3252J Datasheet
165Kb / 9P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR53V3202J OKI-MR53V3202J Datasheet
162Kb / 9P
   2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
MR533202J OKI-MR533202J Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR53V8002J OKI-MR53V8002J Datasheet
158Kb / 8P
   524,288-Word x 16-bit or 1,048,576 x 8-Bit MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com