Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V25653L-XXXMB Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR27V25653L-XXXMB
Description  16m_word x 16-Bit or 32M-Word x 8-Bit P2ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V25653L-XXXMB Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V25653L-XXXMB Datasheet HTML 1Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 2Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 3Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 4Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 5Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 6Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 7Page - OKI electronic componets MR27V25653L-XXXMB Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OKI Semiconductor
FEDR27V25653L-02-01
Issue Date: Mar. 10, 2005
MR27V25653L
16M–Word
× 16–Bit or 32M–Word × 8–Bit Page Mode
P2ROM
1/8
FEATURES
· 16,777,216-word
× 16-bit / 33,554,432-word × 8-bit
electrically switchable configuration
· Page size of 8-word x 16-Bit or 16-word x 8-Bit
· 3.0 V to 3.6 V power supply
· Random Access time
100 ns MAX
· Page Access time
35 ns MAX
· Operating current
60 mA MAX
· Standby current
5 mA MAX
· Input/Output TTL compatible
· Three-state output
PACKAGES
· MR27V25653L-xxxMB
70-pin plastic SSOP (SSOP70-P-500-0.80-K)
P2ROM ADVANCED TECHNOLOGY
P2ROM stands for Production Programmed ROM. This
exclusive Oki technology utilizes factory test equipment for
programming the customers code into the P2ROM prior to final
production testing. Advancements in this technology allows
production costs to be equivalent to MASKROM and has many
advantages and added benefits over the other non-volatile
technologies, which include the following;
· Short lead time, since the P2ROM is programmed at the final
stage of the production process, a large P2ROM inventory
"bank system" of un-programmed packaged products are
maintained to provide an aggressive lead-time and minimize
liability as a custom product.
· No mask charge, since P2ROMs do not utilize a custom
mask for storing customer code, no mask charges apply.
· No additional programming charge, unlike Flash and OTP that require additional programming and handling
costs, the P2ROM already has the code loaded at the factory with minimal effect on the production throughput.
The cost is included in the unit price.
· Custom Marking is available at no additional charge.
PIN CONFIGURATION (TOP VIEW)
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A23
NC
NC
NC
NC
NC
GND
NC
NC
NC
NC
NC
BYTE#
A0
D0
D8
D1
D9
Vcc
D2
D10
D3
D11
GND
CE#
A12
A13
A14
A15
Vcc
A16
A17
A18
A19
A20
A21
NC
NC
NC
NC
NC
GND
NC
NC
NC
NC
NC
A22
NC
OE#
D15/A-1
D7
D14
D6
D13
D5
D12
D4
Vcc
70SSOP
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35


Similar Part No. - MR27V25653L-XXXMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR27V25653L ETC2-MR27V25653L Datasheet
163Kb / 8P
   16M?밯ord 횞 16?밄it or 32M?밯ord 횞 8?밄it Page Mode P2ROM
More results

Similar Description - MR27V25653L-XXXMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR27T25603L OKI-MR27T25603L Datasheet
91Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27T25603L ETC2-MR27T25603L Datasheet
168Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
OKI electronic componet...
MR26T51203L OKI-MR26T51203L Datasheet
67Kb / 4P
   32M-Word x 16-Bit or64M-Word x 8-Bit P2ROM
MR26V51253L OKI-MR26V51253L Datasheet
84Kb / 8P
   32M-Word x 16-Bit or 64M-Word x 8-Bit
MR26V51203L OKI-MR26V51203L Datasheet
90Kb / 8P
   32M-Word x 16-Bit or 64M-Word x 8-Bit
MR27V3202J OKI-MR27V3202J Datasheet
113Kb / 9P
   2M-Word x 16-Bit or 4M-Word x 8-Bit P2ROM
MR26V01G53L OKI-MR26V01G53L Datasheet
248Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-bit P2ROM
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V1652F OKI-MR27V1652F Datasheet
111Kb / 11P
   1m-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com