Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V3252JTN Datasheet(PDF) 9 Page - OKI electronic componets

Part # MR27V3252JTN
Description  2M-Word x 16-Bit or 4M-Word x 8-Bit OTP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3252JTN Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MR27V3252JTN Datasheet HTML 4Page - OKI electronic componets MR27V3252JTN Datasheet HTML 5Page - OKI electronic componets MR27V3252JTN Datasheet HTML 6Page - OKI electronic componets MR27V3252JTN Datasheet HTML 7Page - OKI electronic componets MR27V3252JTN Datasheet HTML 8Page - OKI electronic componets MR27V3252JTN Datasheet HTML 9Page - OKI electronic componets MR27V3252JTN Datasheet HTML 10Page - OKI electronic componets MR27V3252JTN Datasheet HTML 11Page - OKI electronic componets MR27V3252JTN Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FEDR27V3252J-01-02
OKI Semiconductor
MR27V3252J / OTP
9/12
Programming Flow Chart
NO
NO
Device Passed
Start
Last Address?
Read(One Word)
Last Address?
NG
Increment Address
Program 10
µs
YES
YES
PASS
Address = First Location
VCC = 4.0 V
VPP = 8.2 V
Device Failed
Increment Address
Address = First Location
VCC = 4.0 V/VPP = 4.0V
NO
Read(One Word)
Last Address?
NG
YES
PASS
Increment Address
Address = First Location
VCC = 2.7 V/VPP = 2.7V


Similar Part No. - MR27V3252JTN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR27V3252J ETC2-MR27V3252J Datasheet
225Kb / 9P
   2M.Word 횞 16.Bit or 4M.Word 횞 8.Bit Page Mode P2ROM
logo
LAPIS Semiconductor Co....
MR27V3252J LAPIS-MR27V3252J Datasheet
225Kb / 9P
   P2ROM
More results

Similar Description - MR27V3252JTN

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T3202F OKI-MR27T3202F Datasheet
134Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-Bit
MR27V6402G OKI-MR27V6402G Datasheet
149Kb / 14P
   4M-Word x 16-Bit or 8M-Word x 8-Bit OTP
MR27V3202J OKI-MR27V3202J Datasheet
113Kb / 9P
   2M-Word x 16-Bit or 4M-Word x 8-Bit P2ROM
MR26V01G53L OKI-MR26V01G53L Datasheet
248Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-bit P2ROM
MR27T6402G OKI-MR27T6402G Datasheet
133Kb / 10P
   4M-Word x 16-Bit or 8M-Word x 8-Bit
MR27T6402L OKI-MR27T6402L Datasheet
109Kb / 10P
   4M-Word x 16-Bit or 8M-Word x 8-Bit
MR27T1602L OKI-MR27T1602L Datasheet
92Kb / 9P
   1M-Word x 16-Bit or 2M-Word x 8-Bit
MR27V1652F OKI-MR27V1652F Datasheet
111Kb / 11P
   1m-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V1652L OKI-MR27V1652L Datasheet
222Kb / 8P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27T1602F OKI-MR27T1602F Datasheet
120Kb / 10P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com