Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN7522 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN7522
Description  BTL Audio Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

 
 2 page
background image
AN7510, AN7510S
Dual 0.5,1W BTL Audio Power Amplifier Circuit
s Features
• AN7510: Vcc=5V,Output=1W(8
Ω)
• AN7510S:Vcc=5V,Output=0.5W(16
Ω)
• Built-in Standby function.
• Built-in Mute circuits.
s Applications
• TVs, Audio equipment, Personal computers,Active speakers
Unit : mm
Unit : mm
SOP016-P-0300
AN7510
AN7510S
s Block Diagram
HDIP016-P-0300
28dB
28dB
Attenuator
Attenuator
Ripple
Rejection
Circuit
Thermal
Shutdown
Attenuator
control
2
11
8
10
12
13
15
14
VCC
GND
(ch.1 Output)
GND
(ch.2 Output)
ch.2 Output
ch.2 Output
Standby
ch.1 Output
ch.1 Output
28dB
28dB
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
6.35±0.3
4.7±0.25
1.06±0.25
3.05
±0.25
17
7.62±0.25
0 to 6
0.45
+0.1
–0.05
0.5±0.1
φ2.1
0.4±0.25
1.27
(0.4)
345
6
7
8
2
1
14 13 12 11 10 9
15
16
10.09±0.3
7.6±0.3
5.5±0.3
(0.4)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1898Integrated Circuit Dual Audio Power Amp 5.8W 22W BTL 1 2 3 NTE Electronics
AN7195KDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
KIA6221AHBIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA8252HBIPOLAR LINEAR INTEGRATED CIRCUIT MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
TA8272HMax Power 43 W BTL x 4 ch Audio Power IC 1 2 3 4 5 MoreToshiba Semiconductor
YD51048.2W BTL AUDIO POWER AMPLIFIER 1 2 3 List of Unclassifed Manufacturers
AN7118SLow Voltage Dual 35mW Audio Power Amplifier Circuits BTL 300mW 1 2 3 Panasonic Semiconductor
AN7195ZDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
TA8231L42W BTL x 2CH AUDIO POWER IC 1 2 3 4 5 MoreToshiba Semiconductor
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl