Part Name
         Description
AN7522

 BTL Audio Power IC ( 25 Page)


PANASONIC
100% 
Zoom Out Zoom In
 
 1 page
background image
New
1 Kotari Yakemachi, Nagaokakyo, Kyoto, 617-8520 Japan
Tel. (075) 951-8151
http://www.mec.panasonic.co.jp
New publication, effective from Jan. 13 1999.
¶ The products and specifications are subject to change without any notice. Please ask for the latest product standards to guarantee the satisfaction of your product requirements.
Matsushita Electronics Corporation
BTL Audio Power IC AN7510/7520 Series
s Overview
The AN7510/7520 series is a 0.5W to 3W BTL audio power amplifier IC. Equipped with a standby function and mute or DC
volume circuit, the series includes a lineup of single and dual output models. With simplified set design due to minimum
external components, this IC has a wide variety of applications.
s Features
• Operating power sourcs voltage: 3.0V to 13.5V.
• Built-in standby function.
• Built-in mute or DC volume circuit.
s Specifications
s Applications
q TVs q Audio equipment q Personal computers q Active speakers
Output
power
Parameters
Product
name
AN7520
AN7521
AN7522
AN7523
Vcc
Load
resistance
Standby
Mute
Volume
Package
AN7510
AN7511
AN7512
AN7513
1.0W
×2ch
5V
8
HDIP-16pin
1.0W
×1ch
5V
8
HDIP-16pin
1.0W
×2ch
5V
8
DIP-8pin
1.0W
×1ch
5V
8
DIP-8pin
AN7510S
AN7511S
AN7512S
AN7513S
0.5W
×2ch
5V
16
SOP-16pin
0.5W
×1ch
5V
16
SOP-16pin
0.5W
×2ch
5V
16
SOP-8pin
0.5W
×1ch
5V
16
SOP-8pin
3.0W
×2ch
8V
8
HSIP-12pin
3.0W
×1ch
8V
8
HSIP-12pin
3.0W
×2ch
8V
8
HSIP-9pin
3.0W
×1ch
8V
8
HSIP-9pin
*
*
* : Planned



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1898Integrated Circuit Dual Audio Power Amp 5.8W 22W BTL 1 2 3 NTE Electronics
AN7195KDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
KIA6221AHBIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA8252HBIPOLAR LINEAR INTEGRATED CIRCUIT MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
TA8272HMax Power 43 W BTL x 4 ch Audio Power IC 1 2 3 4 5 MoreToshiba Semiconductor
YD51048.2W BTL AUDIO POWER AMPLIFIER 1 2 3 List of Unclassifed Manufacturers
AN7118SLow Voltage Dual 35mW Audio Power Amplifier Circuits BTL 300mW 1 2 3 Panasonic Semiconductor
AN7195ZDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
TA8231L42W BTL x 2CH AUDIO POWER IC 1 2 3 4 5 MoreToshiba Semiconductor
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl