Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6575L-XXGS-K Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6575L-XXGS-K
Description  Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6575L-XXGS-K Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6575L-XXGS-K Datasheet HTML 2Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 3Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 4Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 5Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 6Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 7Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 8Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 9Page - OKI electronic componets MSM6575L-XXGS-K Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
MSM6545/6575/6545L/6575L
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS (MSM6545/6575, 1.5 V, BUF = "1")
ELECTRICAL CHARACTERISTICS (MSM6545/6575, 1.5 V, BUF = "1")
Parameter
Symbol
Condition
Min.
Applied Pin
Typ. Max. Unit
Power Supply Current
IDD
*1
1.5
mA
Oscillation Start Voltage
–VOSC
Within 2 seconds
VSS1
0.9
V
Output Current 1
–IOH1
VO = –0.5 V
150
PORT0 to PORT6*2
SOUT, SCLK
——
mA
IOL1
VO = –1.0 V
150
Output Current 2
–IOH2
VO = –0.5 V
20
BD
——
mA
IOL2
VO = –1.0 V
20
Input Current 1
IIH1
VI = 0 V, in the input state,
with pull-down resistor
7
PORT0 to
PORT6 *2
15
30
mA
Input Leakage Current
ÁIILÁ
VI = 0 V, –1.5 V, in the input state,
without pull-down resistor
PORT0 to PORT7*2
SIN, SOUT, SCLK
—1
mA
Input Current 3
IIH3
VI = 0 V, without pull-down
resistor
70
RESET
TEST1 to TEST3
250
500
mA
Input Voltage
–VIH
All input pins
0.3
V
–VIL
1.2
VDD = 0 V, VSS1 = –1.5 V (battery voltage), VSS2 = –3.0 V, fOSC = 32.768 kHz, CX = 35 pF, Ta = 25°C
*1 Depends on the program. (Values in the above table are applied in the case where the
software duty is about 5%.)
*2 PORT0 = P0.0 to P0.3, PORT1 = P1.0 to P1.3, PORT2 = P2.0 to P2.3, PORT3 = P3.0 to P3.3,
PORT4 = P4.0 to P4.3, PORT5 = P5.0 to P5.3, PORT6 = P6.0 to P6.3, PORT7 = P7.0 to P7.3
RECOMMENDED OPERATING CONDITIONS (MSM6545/6575, 1.5 V, BUF = "1")
Parameter
Symbol
Condition
Range
Unit
Operating Voltage
Vop
–1.75 to –0.9
V
V
Operating Temperature
Top
–20 to +70
°C
Oscillation Frequency
fOSC
32.768
kHz
VDD = 0 V (VSS1 = battery voltage)
Note: The input of the constant voltage circuit is directly connected to the power supply (VSS1).
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VSS1
Ta = 25°C
–6.0 to +0.3
Input Voltage
VIN
VSS1 – 0.3 to +0.3
V
Output Voltage
VOUT
VSS1 – 0.3 to +0.3
Storage Temperature
TSTG
–55 to +125
°C
VDD = 0 V (VSS1 = battery voltage)
Note: The input of the constant voltage circuit is directly connected to the power supply (VSS1).
Note: The input of the constant voltage circuit is directly connected to the power supply (VSS1).


Similar Part No. - MSM6575L-XXGS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6576-XXGS-2K OKI-MSM6576-XXGS-2K Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6576-XXGS-K OKI-MSM6576-XXGS-K Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6577 OKI-MSM6577 Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
More results

Similar Description - MSM6575L-XXGS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com