Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7521 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN7521
Description  BTL Audio Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7521 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN7521 Datasheet HTML 5Page - Panasonic Semiconductor AN7521 Datasheet HTML 6Page - Panasonic Semiconductor AN7521 Datasheet HTML 7Page - Panasonic Semiconductor AN7521 Datasheet HTML 8Page - Panasonic Semiconductor AN7521 Datasheet HTML 9Page - Panasonic Semiconductor AN7521 Datasheet HTML 10Page - Panasonic Semiconductor AN7521 Datasheet HTML 11Page - Panasonic Semiconductor AN7521 Datasheet HTML 12Page - Panasonic Semiconductor AN7521 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
s Printed Board Circuit Layout
s Package Power Dissipation
GND(Input)
Mute/Volume
VIN(ch.1)
Standby
ch.1 Out
+
ch.1 Out
VCC
GND
876
5
12
3
4
s Characteristic Curve(AN7511)
0
1
2
3
4
5
6
7
8
02
4
6
8
10
12
14
Supply Voltage VCC (V)
freq=1kHz
THD=10%
R
L=8Ω
400Hz HPF
30kHz LPF
2-ch Input
R
g=10kΩ
VSTB=5V
V
MUTE=0V
P
O(8Ω)
0.001
0.01
0.1
1
10
1
10
100
1000
Input Voltage VIN (mVrms)
0.01
0.1
1
10
100
P
O
V
CC=5V
freq=1kHz
R
L=8Ω
400Hz HPF
30kHz LPF
2-ch Input
R
g=10kΩ
VSTB=5V
V
MUTE=0V
THD(1kHz)
THD(100kHz)
THD(10kHz)
AN7511,7511S
PO,THD - VIN
PO - VCC
1000
900
800
700
600
500
400
300
200
100
0
025
50
75
70
100
125
150
Ambient Temperature Ta (
°C)
1
2
3
1) AN7511:R
thj-a=148°C/W,PD=845mW(25°C)
2) AN7511S:R
thj-a=209.3°C/W,PD=597mW(25°C)
Glass epoxy PCB(50mm
×50mm×t0.8mm)
3) AN7511S:R
thj-a=326.6°C/W,PD=383mW(25°C)


Similar Part No. - AN7521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7522 ETC2-AN7522 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7522N PANASONIC-AN7522N Datasheet
55Kb / 9P
   Silicon Monolithic Bipolar IC
More results

Similar Description - AN7521

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
TA8231L TOSHIBA-TA8231L Datasheet
354Kb / 9P
   42W BTL x 2CH AUDIO POWER IC
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2929HQ TOSHIBA-TB2929HQ Datasheet
268Kb / 17P
   45W × 4-ch BTL Audio Power IC
2009-01-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com