Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6575L Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM6575L
Description  Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6575L Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM6575L Datasheet HTML 5Page - OKI electronic componets MSM6575L Datasheet HTML 6Page - OKI electronic componets MSM6575L Datasheet HTML 7Page - OKI electronic componets MSM6575L Datasheet HTML 8Page - OKI electronic componets MSM6575L Datasheet HTML 9Page - OKI electronic componets MSM6575L Datasheet HTML 10Page - OKI electronic componets MSM6575L Datasheet HTML 11Page - OKI electronic componets MSM6575L Datasheet HTML 12Page - OKI electronic componets MSM6575L Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
MSM6545/6575/6545L/6575L
¡ Semiconductor
NOTES ON USE
Power Supply for 0.9 V Microcontroller Series (Backup Flag and Constant-Voltage Circuit)
The 0.9 V devices have a built-in constant-voltage circuit. The output of this constant-voltage
circuit powers the microcontroller's internal logic circuits. Setting a backup flag (BUF) allows
the input of the constant voltage circuit to be switched to either the battery or the output
generated in the voltage converter, based on the battery voltage. A battery voltage of 1.5 V or
3.0 V can be selected.
The output (VEE) of the constant-voltage circuit is set at approximately –1.3 V. This allows the
current consumed by the internal logic to be limited, irrespective of the battery voltage.
However, if the input of the constant voltage circuit is below this set value (approximately –
1.3V), the output (VEE) is equal to the input. The 0.9 V microcontroller can be operated even if
the internal voltage (output from the constant voltage circuit) falls to 0.9 V. Setting the backup
flag allows a larger operating voltage margin despite changes in internal voltage due to noise.
For example, for the 1.5 V specification, setting the backup flag at "0" supplies twice the battery
voltage to the constant voltage circuit. Thus, even if the battery voltage falls to 0.9 V, the output
voltage (VEE) is maintained at –1.3 V, providing a larger margin of operating voltage of the
internal logic circuits, because 1.8 V is applied to the input of the constant-voltage circuit.
Figures 1 to 4 show the internal status depending on the backup flag settings for the battery, as
well as status features.
XTAL
VDD
(0 V)
VSS1
(–1.5 V)
VSS2
(–3.0 V)
VSS3*
(–4.5 V)
VEE
(About–1.3 V)
LCD driver*
Voltage converter
Backup flag
(BUF)
Constant voltage circuit
VR
Internal logic
XT
XTB
* The VSS3 pin is provided for the devices that contain an
LCD driver.


Similar Part No. - MSM6575L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6576-XXGS-2K OKI-MSM6576-XXGS-2K Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6576-XXGS-K OKI-MSM6576-XXGS-K Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6577 OKI-MSM6577 Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
More results

Similar Description - MSM6575L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com