Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6546-XXGS-BK Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6546-XXGS-BK
Description  Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6546-XXGS-BK Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6546-XXGS-BK Datasheet HTML 1Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 2Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 3Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 4Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 5Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 6Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 7Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 8Page - OKI electronic componets MSM6546-XXGS-BK Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
MSM6546/6546L
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Type
Description
PORT0
(P0.0 to P0.3)
I/O
4-bit input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit input-output port, I/O switchable,
with/without input pull-down resistor
I/O
4-bit input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit input-output port, I/O switchable,
with/without input pull-down resistor
4-bit input port
Tie to the negative pole of the battery when
not used.
BD
O
Buzzer output pin
RESET
I
Reset pin with input pull-down resistor
TEST1
Testing pins with input pull-down resistor;
Tie to the negative pole of the battery.
TEST2
I
TEST3
XT
I
Connection pins for crystal oscillator
XTB
O
VDD
0 V power supply pin
VSS1
–1.5 V supply pin (power supply pin for –1.5 V operation)
VSS2
–3.0 V supply pin (power supply pin for –3.0 V operation)
VCP
Connection pins for internal potential development capacitor
VCM
PORT1
(P1.1 to P1.3)
PORT2
(P2.0 to P2.3)
PORT3
(P3.0 to P3.3)
PORT4
(P4.0 to P4.3)
PORT5
(P5.0 to P5.3)
PORT6
(P6.0 to P6.3)
P2.0 to P2.3
External interrupt
port
P6.3: SCLK
Shared with serial
port
I
PORT7
(P7.0 to P7.3)
P7.0: SOUT
P7.1: SIN
P7.2: BU/D
Shared with 4-bit
up/down counter
P7.3: CCLK
VEE
Supply pin for internal logic (constant voltage circuit output pin)
VSS3
–4.5 V supply pin
SEG0 to SEG53
O
LCD driver


Similar Part No. - MSM6546-XXGS-BK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6542-01 OKI-MSM6542-01 Datasheet
378Kb / 54P
   REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-02 OKI-MSM6542-02 Datasheet
378Kb / 54P
   REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-03 OKI-MSM6542-03 Datasheet
378Kb / 54P
   REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6544 OKI-MSM6544 Datasheet
108Kb / 12P
   42-DOT LCD DRIVER
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results

Similar Description - MSM6546-XXGS-BK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
   Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
   Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com