Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5052-XXX Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5052-XXX
Description  Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5052-XXX Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5052-XXX Datasheet HTML 4Page - OKI electronic componets MSM5052-XXX Datasheet HTML 5Page - OKI electronic componets MSM5052-XXX Datasheet HTML 6Page - OKI electronic componets MSM5052-XXX Datasheet HTML 7Page - OKI electronic componets MSM5052-XXX Datasheet HTML 8Page - OKI electronic componets MSM5052-XXX Datasheet HTML 9Page - OKI electronic componets MSM5052-XXX Datasheet HTML 10Page - OKI electronic componets MSM5052-XXX Datasheet HTML 11Page - OKI electronic componets MSM5052-XXX Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
MSM5052
¡ Semiconductor
Measuring circuit
A
XT
VSS1
VDD
V
Crystal
32.768 kHz
OSC TH
VSS2
C2
C3
VCP
VCM
XT
C1
OSC R
OSC C
OSC IN
C4
R1
R2
: 20 pF
: 0.1 mF
: 3000 pF
: 10 kW
C1
C2, C3
C4
R1, R2
MSM5052


Similar Part No. - MSM5052-XXX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSM508-G-BK ADAM-TECH-MSM508-G-BK Datasheet
75Kb / 1P
   SHORTING PLUG GOLD PLATED
More results

Similar Description - MSM5052-XXX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
   Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
   Low-power and Built-in LCD Driver 4-Bit Microcontroller
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com