Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM56V16400D-10TS-K Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM56V16400D-10TS-K
Description  2-Bank X 2,097,152-Word X 4-Bit SYNCHRONOUS DYNAMIC RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM56V16400D-10TS-K Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM56V16400D-10TS-K Datasheet HTML 2Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 3Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 4Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 5Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 6Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 7Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 8Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 9Page - OKI electronic componets MSM56V16400D-10TS-K Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
¡ Semiconductor
MSM56V16400D/DH
6/30
DC Characteristics
Parameter
Condition
Version
Unit Note
CKE
Others
Bank
D-10
D-12
DH-15
Symbol
Output High Voltage
Output Low Voltage
Input Leakage Current
2.4
–10
V
V
mA
IOH = –2 mA
IOL = 2 mA
VOH
VOL
ILI
0.4
10
2.4
–10
0.4
10
2.4
–10
0.4
10
Output Leakage Current
–10
mA
ILO
10 –10 10 –10 10
Min. Max. Min. Max. Min. Max.
Average Power
Supply Current
(Operating)
mA
1, 2
CKE ≥ VIH tCC = min
tRC = min
No Burst
One Bank
Active
ICC1
70
60
55
mA
1, 2
CKE ≥ VIH tCC = min
tRC = min
tRRD = min
No Burst
Both Banks
Active
ICC1D
100 —
85
80
Power Supply
Current (Stand by)
mA
3
CKE ≥ VIH tCC = min
Both Banks
Precharge
ICC2
30
25
20
Average Power
Supply Current
(Clock Suspension)
mA
2
CKE £ VIL tCC = min
Both Banks
Active
ICC3S
3
3
3
Power Supply
Current (Burst)
mA
1, 2
CKE ≥ VIH tCC = min
Both Banks
Active
ICC4
90
75
60
Power Supply
Current
(Auto-Refresh)
mA
2
CKE ≥ VIH tCC = min
tRC = min
One Bank
Active
ICC5
70
60
50
Average Power
Supply Current
(Self-Refresh)
mA
CKE £ VIL tCC = min
Both Banks
Precharge
ICC6
2
2
2
Average Power
Supply Current
(Power down)
mA
CKE £ VIL tCC = min
Both Banks
Precharge
ICC7
2
2
2
Average Power
Supply Current
(Active Stand by)
mA
3
CKE ≥ VIH tCC = min
One Bank
Active
ICC3
35
30
25
Notes:
1. Measured with outputs open.
2. The address and data can be changed once or left unchanged during one cycle.
3. The address and data can be changed once or left unchanged during two cycles.


Similar Part No. - MSM56V16400D-10TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160DH OKI-MSM56V16160DH Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
LAPIS Semiconductor Co....
MSM56V16161N LAPIS-MSM56V16161N Datasheet
992Kb / 44P
   2-Bank횞524,288-Word횞16-Bit SYNCHRONOUS DYNAMIC RAM
logo
Rohm
MSM56V16161N-10 ROHM-MSM56V16161N-10 Datasheet
989Kb / 44P
   SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - MSM56V16400D-10TS-K

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM72V66841CT LG-GM72V66841CT Datasheet
592Kb / 57P
    2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
logo
OKI electronic componet...
MD56V62800A OKI-MD56V62800A Datasheet
367Kb / 28P
   4-Bank x 2,097,152-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
logo
Hynix Semiconductor
GM72V66841ET HYNIX-GM72V66841ET Datasheet
90Kb / 10P
   2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800D OKI-MSM56V16800D Datasheet
340Kb / 30P
   2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800E OKI-MSM56V16800E Datasheet
400Kb / 30P
   2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800F OKI-MSM56V16800F Datasheet
2Mb / 30P
   2-Bank x 1,048,576 Word x 8 Bit SYNCHRONOUS DYNAMIC RAM
MD56V62160 OKI-MD56V62160 Datasheet
305Kb / 28P
   4-Bank x 1,048,576-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com