Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V32126A-50GS-K Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM54V32126A-50GS-K
Description  131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V32126A-50GS-K Datasheet(HTML) 4 Page - OKI electronic componets

  MSM54V32126A-50GS-K Datasheet HTML 1Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 2Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 3Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 4Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 5Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 6Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 7Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 8Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
¡ Semiconductor
MSM54V32126A
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Rating
–0.5 to 4.5
50
1
0 to 70
–55 to 150
V
mA
W
°C
°C
Voltage on Any Pin Relative to VSS
Short Circuit Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
IOS
PD
Topr
Tstg
Parameter
Unit
Symbol
Recommended Operating Conditions
Input High Voltage
Power Supply Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
Max.
3.6
0
3.6
0.3
V
V
V
V
Typ.
3.3
0
Min.
3.0
0
3.0
–0.3
(Ta = 0°C to 70°C)
Parameter
Unit
Symbol
Capacitance
Input Capacitance
CIN
CIO
pF
pF
Input / Output Capacitance
Max.
7
7
Typ.
(VCC = 3.3 V ±0.3 V, Ta = 25°C, f = 1 MHz)
Parameter
Unit
Symbol


Similar Part No. - MSM54V32126A-50GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM54V32126A-50GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com