Electronic Components Datasheet Search |
|
IZ7010 Datasheet(PDF) 1 Page - Integral Corp. |
|
IZ7010 Datasheet(HTML) 1 Page - Integral Corp. |
1 / 14 page IZ7010 1 CIRCUIT FOR ELECTRON PEDOMETER - ERGOMETER DESCRIPTION The chip is a silicon-gate CMOS LSIs for electron pedometer-ergometer with function watch and alarm. Its provides count and indication of steps, calories, kilometers during current day and night and summing up at changing 24 hours, steps , calories, kilometers with values stored previous ( mode «TOTAL DATA »). Length of steps setting from 25 to 95 centimeters. Frequency of registered pulses from external sensor at counting steps is no more than 6Hz at duration of time between the end of previous and beginning of counted pulse no less than 100 ms. Counting steps to 999999. FEATURES • One-chip CMOS constructions • Single 1.5V battery operation • Imbed in chip element of quartz generator with operating frequency of 32768 Hz, capacity, resistor, and voltage doubler • Built-in LCD driver for control of 7-digit LCD in the mode of two level multiplexing with the mode marks “STEPS”, "km", "КCАL", "CОEFF", "L STEP", "ALARM", "TODAY”, "TOTAL", divided by colons and dots. • Operation from one battery with the voltage of 1.5V, low consumption power; • Availability of circuits of contacts bracing suppression on buttons inputs; • Frequency of registered pulses from external sensor at counting steps is no more than 6Hz at duration of time between the end of previous and beginning of counted pulse no less than 100 ms; • Conversion of quantity of steps into calories , kilometers FUNCTIONS • 5 functions for counting time and calendar with indication of hours, minutes, seconds, month, date ; • Alarm clock; • Count the quantity of steps by means of evaluation and counting pulses from external sensor ; • count and indication of steps, calories, kilometers during current day and night (mode « DATA OF THE CURRENT DAY”); • Conversion of made steps into calories with consideration of the user coefficient with consideration of height, weight and male/female identification; • summation up at changing 24 hours, steps , calories, kilometers with values stored previous ( mode «TOTAL DATA»). ABSOLUTE MAXIMUM RATINGS ( Ta = 25oC ) Characteristic Symbol Value Unit Supply Voltage UCC1 - 0.3 ~ + 2.0 V Operating Temperature Tpor - 0 ~ + 70 oC Storage Temperature Tstg - 55 ~ + 125 oC |
Similar Part No. - IZ7010 |
|
Similar Description - IZ7010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |