Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ1229M Datasheet(PDF) 2 Page - Integral Corp.

Part # IZ1229M
Description  10-DIGITS CALCULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1229M Datasheet(HTML) 2 Page - Integral Corp.

  IZ1229M Datasheet HTML 1Page - Integral Corp. IZ1229M Datasheet HTML 2Page - Integral Corp. IZ1229M Datasheet HTML 3Page - Integral Corp. IZ1229M Datasheet HTML 4Page - Integral Corp. IZ1229M Datasheet HTML 5Page - Integral Corp. IZ1229M Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IZ1229M
2
ABSOLUTE MAXIMUM RATINGS ( Ta = 25
oC )
Characteristic
Symbol
Value
Unit
Terminal Voltage
VCC
- 0.3 ~ + 2.1
V
VIN
- 0.3 ~ VCC + 0.3
V
Operating Temperature
Ta
0 ~ + 50
oC
Storage Temperature
Tstg
- 55 ~ + 125
oC
ELECTRICAL CHARACTERISTICS (Ta = 25
oC, V
CC = 1.5V,
unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VOP
1.1
1.5
1.8
V
Input Voltage
VIH
VCC - 0.4
V
(pins FDISB, EXT)
VIL
0.4
Input Current 1
IIH1
VIN = VCC
1
µA
(pins FDISB, EXT)
IIL1
VIN = 0V
1.5
2.5
3
Input Current 2
IIH2
VIN = VCC; APODISB =
0V
1
µA
(pins K4
÷ K6)
IIL2
VIN = 0V; FDISB = 0V
3
5.5
7.5
Output Voltage
VOA
Without load
2.80
2.95
(pins a1
÷a11,
b1
÷b10,
VOB
Without load
1.30
1.50
1.70
V
c1
÷c10, H1÷H3)
VOC
Without load
0
0.20
Display Frequency
Fd
VCC = 1.3V, Display is on
55
75
Hz
Touch Tone Output
Drive
IOH
VOH =1.0V, APODISB =
0V, FDISB = 0V
1.3
2
mA
Current
IOL
VOL =0.5V, APODISB =
0V, FDISB = 1.5V
1.3
2
Supply Current
IOFF
Display is off
1
µA
IDIS
VCC = 1.3V, Ddisplay is
on
6
10


Similar Part No. - IZ1229M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Similar Description - IZ1229M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
   10/12 digit calculator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com