Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ1228 Datasheet(PDF) 3 Page - Integral Corp.

Part # IZ1228
Description  8-DIGIT CALCULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1228 Datasheet(HTML) 3 Page - Integral Corp.

  IZ1228 Datasheet HTML 1Page - Integral Corp. IZ1228 Datasheet HTML 2Page - Integral Corp. IZ1228 Datasheet HTML 3Page - Integral Corp. IZ1228 Datasheet HTML 4Page - Integral Corp. IZ1228 Datasheet HTML 5Page - Integral Corp. IZ1228 Datasheet HTML 6Page - Integral Corp. IZ1228 Datasheet HTML 7Page - Integral Corp. IZ1228 Datasheet HTML 8Page - Integral Corp. IZ1228 Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IZ1228/IZ1228M
3
Symbols
: - : negative number display
E : error display
, : punctuation comma
M : non-zero memory indicator
C1, C2 : currency exchange operations indicator
Error detections
• System errors occur when:
1) The division by zero.
2) The extraction of square root of a negative number.
• Rough estimate calculation error occur when
The integral part of the result of any standard functions, percentage, square, reciprocal, or
power calculations exceed 8 digits.
Error indication
• System error
“0” is indicated in the 1-digit position and “E” in the sign-digit position.
• Rough estimate calculation error
The high-order 8-digit calculation result is indicated together with “E”.
The decimal point is indicated in the position corresponding to a calculation result of time 10
-8,
and no zero shift is performed
Error release
• System error
A system error can be release by the ON/C key.
• Rough estimate calculation error
A rough estimate calculation error can be released by the ON/C, CE key.
Number entry
Numerical can be entered up to 8 digits. Numerical entries equal to 9 digits or more are ignored.
Memory protection
In any error detection, the special memory content is retained when auto power off.
Key bounce protection
Front edge
Down to 1 word and up to about 3 words.
Trailing edge
9 words
1 word is 3.3ms when display frequency is fd = 100Hz.
Auto power OFF
Power automatically turns off after 9 - 11 minutes pass from the last key pressure. The special
memory content is saving when power auto off.


Similar Part No. - IZ1228

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225MR INTEGRAL-IZ1225MR Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Similar Description - IZ1228

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
logo
SHENZHEN FUMAN ELECTRON...
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
   12-digit calculator
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
   Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
   8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
   10/12 DIGIT CURRENCY CALCULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com