Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INF8577N Datasheet(PDF) 1 Page - Integral Corp.

Part # INF8577N
Description  LCD CONTROL IC WITH I2C INTERFACE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

INF8577N Datasheet(HTML) 1 Page - Integral Corp.

  INF8577N Datasheet HTML 1Page - Integral Corp. INF8577N Datasheet HTML 2Page - Integral Corp. INF8577N Datasheet HTML 3Page - Integral Corp. INF8577N Datasheet HTML 4Page - Integral Corp. INF8577N Datasheet HTML 5Page - Integral Corp. INF8577N Datasheet HTML 6Page - Integral Corp. INF8577N Datasheet HTML 7Page - Integral Corp. INF8577N Datasheet HTML 8Page - Integral Corp. INF8577N Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INF8577N
1
LCD CONTROL IC WITH I2C INTERFACE
Description
Functions:
• Direct and duplex LCD control modes. IC
controls 32 LCD segments in direct mode
and 64 segments in duplex mode;
• Ensures interface of I2C bus interface;
can be used as expander of I2C bus
output
40
T amb= -10 to +70 °С
Figure 1 - Package type
Features:
• Supply voltage 2.5 to 6V;
• Low power consumption;
• Embedded oscillator for LCD control
signals shaping;
• Autoincremented data input;
• Possibility to switch over display memory
banks in direct control mode;
• Possibility for cascading IC to increase
number of controlled segment up to 256;
• Blanking of display on supply reset.
39
1
2
3
4
5
40
6
8
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
P1 0
S32
S30
S29
S28
S27
S23
S31
9
7
S26
S25
S24
Vs
SDA
SCL
A0/OS
A1
VDD
A2/BP
BP1
S22
S21
S20
S19
S18
S17
S16
S15
S14
S12
S13
S11
S10
S9
S8
S7
S6
S5
S4
S2
S3
S1
Figure 2 - Pinout
Operation temperature range
Operation temperature range from minus 40 to plus 85
°С.


Similar Part No. - INF8577N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF8574 INTEGRAL-INF8574 Datasheet
254Kb / 10P
   silicon CMOS circuit
logo
IK Semicon Co., Ltd
INF8574 IKSEMICON-INF8574 Datasheet
384Kb / 11P
   Compatible with most microcontrollers
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
More results

Similar Description - INF8577N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
   LNB supply and control IC with step-up and I2C interface
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
   LNB supply and control IC with step-up and I2C interface
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
   LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
   LCD Interface IC
logo
List of Unclassifed Man...
EDE700 ETC1-EDE700 Datasheet
208Kb / 10P
   LCD Interface IC
logo
Sony Corporation
CXD3508BTQ SONY-CXD3508BTQ Datasheet
251Kb / 18P
   LCD Interface IC
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
logo
STMicroelectronics
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
   Dual LNB supply and control IC with step-up and I2C interface
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com