Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V17400F Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM51V17400F
Description  4,194,304-Word4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V17400F Datasheet(HTML) 4 Page - OKI electronic componets

  MSM51V17400F Datasheet HTML 1Page - OKI electronic componets MSM51V17400F Datasheet HTML 2Page - OKI electronic componets MSM51V17400F Datasheet HTML 3Page - OKI electronic componets MSM51V17400F Datasheet HTML 4Page - OKI electronic componets MSM51V17400F Datasheet HTML 5Page - OKI electronic componets MSM51V17400F Datasheet HTML 6Page - OKI electronic componets MSM51V17400F Datasheet HTML 7Page - OKI electronic componets MSM51V17400F Datasheet HTML 8Page - OKI electronic componets MSM51V17400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FEDD51V17400F-04
1Semiconductor
MSM51V17400F
4/15
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
–0.5 to VCC+ 0.5
V
Voltage VCC Supply relative to VSS
VCC
–0.5 to 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD*
1W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–55 to 150
°C
*: Ta = 25
°C
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
3.0
3.3
3.6
V
Power Supply Voltage
VSS
00
0
V
Input High Voltage
VIH
2.0
VCC + 0.3
*1
V
Input Low Voltage
VIL
− 0.3*2
0.8
V
Notes: *1. The input voltage is VCC + 1.0V when the pulse width is less than 20ns (the pulse width is with respect
to the point at which VCC is applied).
*2. The input voltage is VSS − 1.0V when the pulse width is less than 20ns (the pulse width respect to the
point at which VSS is applied).
PIN CAPACITANCE
(Vcc = 3.3V
± 0.3V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Min.
Max.
Unit
Input Capacitance (A0 – A10)
CIN1
—5
pF
Input Capacitance
(
RAS, CAS, WE, OE)
CIN2
—7
pF
Output Capacitance (DQ1 – DQ4)
CI/O
—7
pF


Similar Part No. - MSM51V17400F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400DSL OKI-MSM51V17400DSL Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V17400F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51X17400F OKI-MSM51X17400F Datasheet
148Kb / 13P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400F OKI-MSM5117400F Datasheet
214Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400F OKI-MSM5116400F Datasheet
239Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405F OKI-MSM51V16405F Datasheet
243Kb / 18P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405F OKI-MSM5117405F Datasheet
220Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com