Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IND16305 Datasheet(PDF) 2 Page - Integral Corp.

Part # IND16305
Description  40-BIT AC-PDP DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IND16305 Datasheet(HTML) 2 Page - Integral Corp.

  IND16305 Datasheet HTML 1Page - Integral Corp. IND16305 Datasheet HTML 2Page - Integral Corp. IND16305 Datasheet HTML 3Page - Integral Corp. IND16305 Datasheet HTML 4Page - Integral Corp. IND16305 Datasheet HTML 5Page - Integral Corp. IND16305 Datasheet HTML 6Page - Integral Corp. IND16305 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IND16305
Korzhenevsky 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22
Tel:
+375 (17) 278 49 09, 212 27 02
Tel/fax: +375 (17) 212 68 53
E-mail: office@bms.by
URL:
www.bms.by
2
PIN CONFIGURATION (Top View)
• Ensure that the VDD1, VDD2, VSS1 and VSS2 pins are all used, and that VSS1 and VSS2 are used at the same potential
(connect at same point near IC).
• Pin 33 is connected to the lead frame, and must therefore be left open.
DESCRIPTION OF PINS
Pin Symbol
Pin Name
Pin No.
Description
BLK
Output blank input
37
See truth table
A
RIGHT data input/output
30
Serial data input/output* When R/L = H
A: Input B:Output
B
LEFT data input/output
35
When R/L = L A: Output B: Input
CLK
Clock input
31
Shift executed on rise
STB
Latch enable input
36
H: Latch, L: Data-through
R/L
Shift direction control input
25
H: Right shift modeA
O1 ···O40B
L : Left shift mode B
O40···O1 A
CLR
Clear input
32
L: Shift register ALL L
PC
Polarity reversal input
27
See truth table
O1 to O40
High withstand voltage outputs
1 to 20
45 to 64
200 V, 400 mA max.
VDD1
Logic block power supply
26, 39
5 V ± 10 %
VDD2
Driver block power supply
21, 44
30 V to 180 V
VSS1
Logic block ground
24, 41
Connect to system GND
VSS2
Driver block ground
22, 23, 42, 43
Connect to system GND at same point.
NC
Unused pins
28, 29, 33,
Non-connection
34, 38, 40
Ensure that pin 33 is left open.
* Data resulting from inversion of the data input is input to the shift register, and data resulting from inversion of the shift
register data is output to the output.
64
63
62
61
60
59
58
57
56
55
54
53
52
51
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
1
3
4
5
6
7
8
9
10
11
13
14
15
16
17
19
20
21
22
23
24
12
VDD2
VSS2
O6
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
O19
O20
VSS2
VSS1
O1
O2
O3
O4
O5
50
49
48
47
46
45
44
43
42
41
VDD2
VSS2
O35
O34
O33
O32
O31
O30
O29
O28
O27
O26
O25
O24
O23
O22
O21
VSS2
VSS1
O40
O38
O37
O36


Similar Part No. - IND16305

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
More results

Similar Description - IND16305

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
   96-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
   96-Bit AC-PDP DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
   96-BIT AC-PDP DRIVER
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16335 NEC-UPD16335 Datasheet
70Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
   96-BIT AC-PDP DRIVER
UPD16347 NEC-UPD16347 Datasheet
163Kb / 26P
   192-BIT AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com